công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEX-F-03121-R

  • AI
    The **MEX-F-03121-R** is an automotive-grade, high-frequency RF connector, specifically a **FAKRA (Fachkreis Automobil)** male plug. These connectors are standardized globally within the automotive industry to ensure secure and interference-free data transmission. ### 1. Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the MEX-F-03121-R: | Feature | Specification | | :--- | :--- | | **Connector Type** | FAKRA (Male) | | **Orientation** | Right Angle (R-Type) | | **Impedance** | 50 Ohms | | **Frequency Range** | DC to 6 GHz | | **VSWR** | ≤ 1.3 (up to 2 GHz); ≤ 1.5 (up to 6 GHz) | | **Mounting Type** | PCB Mount (Solder) | | **Coding** | Type F (Typically "Nut Brown") | --- ### 2. Key Electronic Components & Materials The construction of this part involves specific materials designed for durability and signal integrity: * **Center Contact:** Usually made of **Phosphor Bronze or Brass** with **Gold plating**. Gold is used to ensure low contact resistance and prevent oxidation over the vehicle's lifespan. * **Insulator:** High-performance **PTFE (Teflon)** or similar dielectric material to maintain constant impedance and minimize signal loss. * **Outer Body/Housing:** **Zinc alloy with Nickel plating** for the functional shielding, encased in a plastic "shroud" that provides the mechanical locking mechanism. * **Mechanical Coding (Coding F):** The "F" designation refers to the specific physical notches in the plastic housing. This prevents "mismating"—you cannot plug a Code A cable into a Code F header. --- ### 3. Applications In the automotive context, **Coding F (Nut Brown)** is traditionally reserved for specific electronic modules: 1. **TV Tuners:** Used for transmitting video signals within the infotainment system. 2. **Infotainment Units:** Connecting head units to auxiliary displays. 3. **GPS/Navigation:** Though less common for GPS (usually Code C), it is sometimes used in integrated telematics clusters. --- ### 4. Layout & Design Considerations * **Right Angle Design:** The "R" in the part number signifies a right-angle orientation. This is critical for PCB designs with low-profile requirements or where the cable must exit parallel to the board. * **Shielding:** The metal body provides 360-degree EMI/RFI shielding, which is vital in modern vehicles crowded with wireless signals (Bluetooth, Wi-Fi, LTE).
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between FAKRA Coding F and Coding C?
    • ⤷ What is the recommended soldering profile for this PCB connector?
    • ⤷ Are there waterproof versions of the MEX-F series available?