công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEWT-33A-R

  • AI
    The **MEWT-33A-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Micro-Inductor**. These parts are designed for high-density power management in compact devices like smartphones, tablets, and wearable electronics. --- ## Technical Specifications The following table outlines the typical characteristics found in the MEWT-33A-R series: | Property | Value (Typical) | Unit | | :--- | :--- | :--- | | **Inductance** | 3.3 | µH (Microhenries) | | **Tolerance** | ±20% | % | | **DC Resistance (DCR)** | ~0.150 - 0.250 | Ohms (Ω) | | **Rated Current** | 1.0 - 1.5 | Amperes (A) | | **Operating Temp** | -40 to +125 | °C | | **Mounting Type** | SMD (Surface Mount) | - | --- ## Key Features * **Low Profile:** Designed with a very low height to fit into slim electronic assemblies. * **Magnetic Shielding:** Usually features a metal alloy or ferrite core construction to minimize Electromagnetic Interference (EMI) with surrounding components. * **High Saturation:** Optimized to maintain inductance even when high current levels pass through the coil. * **Lead-Free/RoHS:** Compliant with modern environmental standards for manufacturing. --- ## Internal Composition The MEWT-33A-R consists of several core electronic elements: 1. **Core Material:** Usually a Metal Powder or Ferrite composite that provides the magnetic flux path. 2. **Winding:** A copper wire coil (often flat wire to save space) wound around the core. 3. **Terminations:** Solderable silver or tin-plated electrodes on the bottom for PCB mounting. 4. **Encapsulation:** An epoxy or resin coating to protect the wire from oxidation and mechanical stress. ### Common Applications * **DC-DC Converters:** Used as a storage element in buck/boost regulators. * **Power Management Integrated Circuits (PMICs):** Filtering power rails for CPUs and GPUs. * **Noise Suppression:** Smoothing out ripples in power supply lines. ---
    ✨ Follow-up Questions
    • ⤷What is the physical footprint/size of the MEWT-33A-R package?
    • ⤷ How does its saturation current compare to ferrite-core alternatives?
    • ⤷ Are there specific manufacturers that specialize in the MEWT series?