công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEWT-332W-R

  • AI
    The **MEWT-332W-R** is a specific electronic component, typically classified as a **Power Transformer** or a **Magnetic Inductor** often found in consumer electronics, power supply units (PSUs), and home appliances (such as microwave ovens or washing machine control boards). --- ### Technical Specifications & Breakdown Below is a summary of the typical characteristics associated with this part number: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Transformer / Low Profile Line Transformer | | **Mounting Type** | Through-hole (PCB Mount) | | **Primary Voltage** | Typically 120V or 230V AC (depending on region) | | **Secondary Voltage** | Low voltage outputs (often 12V or 24V) | | **Core Material** | Ferrite or Silicon Steel Laminate | | **RoHS Compliance** | Yes (indicated by the 'R' suffix) | ### Key Electronic Functions 1. **Voltage Transformation**: It converts high-voltage AC mains power down to a lower, safer voltage required for integrated circuits (ICs) and microcontrollers. 2. **Galvanic Isolation**: It provides a physical barrier between the dangerous high-voltage input and the low-voltage output, protecting both the user and sensitive electronics. 3. **EMI Suppression**: Through its inductive properties, it helps filter out high-frequency noise from the power line. ### Part Number Suffix Analysis * **MEWT**: Manufacturer-specific series code (often associated with major appliance component suppliers). * **332W**: Designates the specific power rating (Wattage) and physical footprint configuration. * **R**: Generally stands for **RoHS Compliant**, meaning the part is manufactured without restricted hazardous substances like lead. --- ### Common Applications The MEWT-332W-R is frequently utilized in: * **Standby Power Modules**: Providing low-power "always-on" energy for remote sensors. * **Household Appliances**: Control boards for microwave ovens, air conditioners, and laundry machines. * **Industrial Controls**: Relays and timers that require a stable low-voltage DC source after rectification. ---
    ✨ Follow-up Questions
    • ⤷What is the exact pinout diagram for the MEWT-332W-R?
    • ⤷ What are the primary and secondary resistance values for this transformer?
    • ⤷ Are there any direct drop-in replacements for the MEWT series?