MEWT-224-R
AI

The **MEWT-224-R** is a specific model of a **Rotating Warning Light (Beacon)** manufactured by **PATLITE**. This device is commonly used in industrial environments for status signaling and safety warnings.
Below is a breakdown of its electronic specifications and internal components.
---
## 1. Core Technical Specifications
The "MEWT" series is characterized by its compact size and direct-mount capability.
| Component | Specification |
| :--- | :--- |
| **Rated Voltage** | 24V AC/DC |
| **Current Consumption** | Approx. 0.13A (3.1W) |
| **Light Source** | Incandescent Bulb (usually 24V 5W) |
| **Rotation Speed** | ~120 flashes per minute (FPM) |
| **Protection Rating** | IP23 (Internal use/Indoor) |
| **Color (R)** | Red (indicated by the "-R" suffix) |
---
## 2. Key Electronic & Mechanical Parts
The device operates using a combination of electrical drive components and a mechanical rotation assembly.
### A. The Light Source (Bulb)
* **Type:** Miniature Incandescent bulb.
* **Base:** Usually a BA15S or similar bayonet style for vibration resistance.
* **Function:** Provides the primary illumination which is then directed by the reflector.
### B. Drive Motor
* **Motor Type:** Small DC geared motor.
* **Function:** Drives the parabolic reflector around the stationary bulb. Even when powered by AC, the internal circuitry rectifies the power to drive the motor.
### C. Parabolic Reflector
* **Material:** Vacuum-metallized plastic.
* **Function:** Collects the light from the bulb and focuses it into a concentrated beam that "sweeps" as it rotates, creating the flashing effect.
### D. Internal Circuitry
* **Rectifier/Regulator:** Converts incoming 24V AC/DC into a stable current for the motor and bulb.
* **Wiring:** Color-coded leads (typically Red/White or Black) for power input.
---
## 3. Wiring Diagram Overview
The MEWT series usually features a simple two-wire connection system:
```text
[ Power Source 24V ] -------- (Wire 1: Power) -------- [ MEWT-224-R ]
[ Power Source 24V ] -------- (Wire 2: Common) ------- [ MEWT-224-R ]
```
*Note: Since this model is AC/DC compatible, polarity is generally not an issue, but always consult the specific wiring label on the base of the unit.*
---
## 4. Maintenance Parts
If the unit stops spinning or lighting up, these are the common replacement parts:
1. **Replacement Bulb:** PATLITE Part No. D02400503-F1 (24V 5W).
2. **Global Standard Globe:** The Red outer lens (polycarbonate).
- ⤷
How do I replace the bulb in a MEWT-224-R beacon?
- ⤷ What is the difference between the MEWT and the newer SKH series?
- ⤷ Can this unit be wired to a PLC for automated signaling?