công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEWT-214-R

  • AI
    Based on available technical specifications, the **MEWT-214-R** is a specific model of an **Electromagnetic Water Meter** (often associated with brands like Mecktics or similar industrial flow meter manufacturers). These devices are designed for precision measurement of conductive fluids in industrial and domestic applications. --- ## 1. Core Electronic Components The MEWT-214-R consists of several critical electronic subsystems that allow it to measure flow without moving parts: | Component | Function | | :--- | :--- | | **Electromagnetic Coils** | Located inside the flow tube; they generate a constant magnetic field across the pipe. | | **Sensing Electrodes** | Usually made of stainless steel or Hastelloy; they detect the voltage generated by the fluid moving through the magnetic field. | | **Signal Converter** | The "brain" of the unit. It amplifies the micro-voltage signals from the electrodes and converts them into digital data. | | **Excitation Circuit** | Controls the timing and intensity of the magnetic field to ensure accuracy and low power consumption. | | **LCD Display** | A digital interface showing instantaneous flow rate, total volume, and diagnostic alarms. | --- ## 2. Operating Principle (Faraday’s Law) The electronics operate based on **Faraday's Law of Electromagnetic Induction**. 1. The **Excitation Circuit** powers the coils to create a magnetic field ($B$). 2. As conductive water flows through the field at velocity ($v$), it generates a voltage ($E$). 3. The relationship is expressed as: `E = B × v × D` (where $D$ is the distance between electrodes). 4. The **Signal Converter** filters out electrical noise and calculates the flow rate based on this voltage. --- ## 3. Connectivity and Output Specifications Industrial meters like the MEWT-214-R typically feature the following electronic interfaces: * **Pulse Output:** Used for remote totalizing (e.g., 1 pulse = 10 liters). * **4-20mA Analog Output:** Represents the flow rate for integration into PLC or SCADA systems. * **RS485/Modbus:** Digital communication for remote monitoring and configuration. * **Power Supply:** Usually 24V DC, 220V AC, or internal Battery Powered (indicated by the "R" suffix in some series for "Remote" or "Remote-Battery"). --- ## 4. Key Technical Features * **Empty Pipe Detection:** Advanced electronics can sense when the pipe is not full to prevent false readings. * **Bi-directional Measurement:** Can measure flow in both forward and reverse directions. * **Data Logging:** Internal memory to store flow history and error logs.
    ✨ Follow-up Questions
    • ⤷ What is the accuracy class of the MEWT-214-R?
    • ⤷ Does this model support wireless data transmission like LoRa or NB-IoT?
    • ⤷ How do I calibrate the signal converter on this specific unit?