công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEWT-13B-R

  • AI
    The **MEWT-13B-R** is a specific model of an **Ultrasonic Transducer**, commonly used for distance sensing, object detection, and proximity measurement. These components operate by converting electrical energy into sound waves (ultrasonic) and vice versa. ### 1. Key Technical Specifications The "13B" typically denotes the diameter of the transducer (13mm), while "R" stands for **Receiver**. | Parameter | Typical Value | | :--- | :--- | | **Center Frequency** | 40 kHz (± 1.0 kHz) | | **Function** | Receiver (R) | | **Sensitivity** | ≥ -65 dB (at 40kHz) | | **Diameter** | 13.0 mm | | **Capacitance** | 2,000 pF to 2,500 pF | | **Housing Material** | Aluminum or Plastic | --- ### 2. Core Electronic Components The internal structure of the MEWT-13B-R consists of several critical parts: * **Piezoelectric Ceramic Disc:** The heart of the part. When ultrasonic waves hit the disc, it vibrates, generating a small AC voltage through the piezoelectric effect. * **Matching Layer:** A layer placed on top of the ceramic to bridge the acoustic impedance between the ceramic and the air, ensuring efficient wave capture. * **Housing (Case):** Usually a cylindrical aluminum shell that provides structural integrity and acts as a ground/shield against electromagnetic interference (EMI). * **Lead Pins:** Two pins protruding from the bottom for PCB mounting. One is connected to the ceramic (signal), and the other to the metal casing (ground). --- ### 3. Circuit Integration When using the MEWT-13B-R in a design, it is rarely used alone. It requires specific support circuitry: 1. **Amplification Stage:** Because the receiver generates very low voltage (millivolts), an Op-Amp (like the TL072 or LM324) is required to boost the signal. 2. **Filtering:** A band-pass filter centered at **40 kHz** is used to remove ambient noise and focus only on the ultrasonic pulse. 3. **Comparator:** Used to convert the analog signal into a digital "high" or "low" pulse that a microcontroller (like an Arduino or STM32) can process. --- ### 4. Comparison: Receiver (R) vs. Transmitter (T) In most ultrasonic systems, the **MEWT-13B-R** is paired with a **MEWT-13B-T** (Transmitter). * **Transmitter (T):** Optimized to handle high-voltage pulses to create a strong sound wave. * **Receiver (R):** Optimized for high sensitivity to detect faint echoes returning from a distance. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum effective range of the MEWT-13B-R sensor?
    • ⤷ Can a Receiver (R) unit be used as a Transmitter (T) in a circuit?
    • ⤷ What are the common pinout configurations for 13mm ultrasonic sensors?