công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MERP-14PA-R

  • AI
    The **MERP-14PA-R** is a specific electronic component typically categorized as a **Circular Connector** or a specialized **Power/Signal Interface**. It is widely used in industrial automation, robotics, and medical equipment due to its reliability and compact form factor. --- ### 1. Technical Specifications Below are the primary technical characteristics of the MERP-14PA-R: | Feature | Specification | | :--- | :--- | | **Connector Type** | Circular Connector | | **Number of Positions** | 14 Pins | | **Gender** | Plug (Male) | | **Termination Style** | Solder / Crimp (Depending on version) | | **Mounting Type** | Panel Mount / Cable Mount | | **Voltage Rating** | Typically 125V - 250V AC/DC | | **Current Rating** | ~2A to 5A per contact (Subject to gauge) | | **Housing Material** | Zinc Alloy or High-Temp Thermoplastic | --- ### 2. Key Electronic Components & Construction The "MERP" series is designed for high-density connections. Here are the internal electronic aspects: * **Contact Plating:** Usually features **Gold over Nickel** plating. This ensures low contact resistance and prevents oxidation over long periods, which is critical for low-voltage signal integrity. * **Insulator Material:** High-grade PPS (Polyphenylene Sulfide) or PBT plastic, providing high dielectric strength and resistance to heat during the soldering process. * **Shielding:** Many variants include a metal shell that provides 360° EMI/RFI shielding, protecting sensitive electronic signals from external interference. * **Coupling Mechanism:** Features a "Push-Pull" or "Threaded" locking mechanism (indicated by the "R" suffix in many naming conventions, referring to a Ring-lock or Reverse-thread system) to prevent accidental disconnection. --- ### 3. Application Use-Cases The MERP-14PA-R is commonly integrated into the following systems: 1. **Sensors & Actuators:** Connecting multi-channel sensors to a central PLC (Programmable Logic Controller). 2. **Medical Devices:** Used in diagnostic equipment where high pin density is required in a small footprint. 3. **Robotic Arms:** Serving as the interface for end-of-arm tooling where 14 distinct signals (power, ground, and data) are needed. --- ### 4. Part Number Breakdown (Generic Interpretation) | Prefix | Pins | Type | Orientation/Mod | | :--- | :--- | :--- | :--- | | **MERP** | **14** | **P** | **A-R** | | Series Code | 14 Contacts | Plug/Male | Assembly Variation / RoHS Compliant |
    ✨ Follow-up Questions
    • ⤷ What is the mating connector part number for the MERP-14PA-R?
    • ⤷ Is the MERP-14PA-R rated for IP67 or IP68 waterproof environments?
    • ⤷ What is the recommended wire gauge (AWG) for the contacts in this connector?