MERP-13P1-R
AI

The **MERP-13P1-R** is a high-performance, shielded power inductor typically manufactured by **ITG Electronics**. It is designed for high-density power applications, specifically in DC-DC converters and voltage regulator modules (VRMs).
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the MERP-13P1 series (with specific focus on common R-series values):
| Parameter | Typical Value | Notes |
| :--- | :--- | :--- |
| **Inductance** | ~0.10 µH to 0.50 µH | Depends on specific sub-code |
| **Tolerance** | ±10% to ±20% | Standard manufacturing tolerance |
| **DCR (Direct Current Resistance)** | < 0.30 mΩ | Extremely low to minimize power loss |
| **Isat (Saturation Current)** | 60A - 100A+ | High current handling capability |
| **Irms (Heating Current)** | 40A - 60A | Based on temperature rise (ΔT=40°C) |
| **Operating Temperature** | -55°C to +125°C | Industrial grade |
---
### 2. Core Features
* **Molded Construction:** The "MERP" prefix often refers to a molded metal powder core. This design provides a "soft" saturation characteristic, meaning the inductance doesn't drop off sharply when the current increases.
* **Shielded Design:** The magnetic powder encapsulates the coil, providing excellent Magnetic Interference (EMI) shielding.
* **High Efficiency:** Because of the exceptionally low DCR (milli-ohms), these parts are highly efficient at converting power with minimal heat dissipation.
* **SMD Packaging:** Designed for automated surface-mount assembly with robust solder pads to handle high-current thermal stress.
---
### 3. Application Use-Cases
The MERP-13P1-R is commonly found in environments where high current is required in a small footprint:
1. **Server and Storage:** Used in the power stages of data center CPUs and GPUs.
2. **Graphics Cards:** High-end VRMs for high-wattage video cards.
3. **Telecom Systems:** Distributed power architectures.
4. **Notebooks:** High-performance gaming laptop power rails.
---
### 4. Part Number Breakdown (Generalized)
While manufacturers vary slightly, the code generally follows this logic:
* **MERP:** Series identifier (Molded Energy Related Power).
* **13:** Physical size/footprint (approx. 13mm width).
* **P1:** Profile or revision indicator.
* **R:** Usually denotes the specific Inductance value or "RoHS" compliance depending on the catalog.
- ⤷
What are the exact physical dimensions of the MERP-13P1-R footprint?
- ⤷ How does the 'soft saturation' of a molded inductor compare to ferrite cores?
- ⤷ What is the recommended reflow soldering profile for this component?