công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MERP-12MB-R

  • AI
    The **MERP-12MB-R** is a high-performance, industrial-grade **Solid State Relay (SSR)** module, typically used in programmable logic controller (PLC) interfaces and automation systems. It is part of the "MERP" series, designed for high-density mounting and reliable switching of DC loads. ### Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Input Voltage (Control)** | 12V DC | | **Output Type** | MOSFET (Solid State) | | **Load Voltage Range** | 0 to 60V DC | | **Max Continuous Current** | 4A to 5A (depending on thermal conditions) | | **Isolation Type** | Opto-isolation | | **Housing Style** | Slim DIN-rail or Socket mount | --- ### Key Electronic Components & Internal Design #### 1. Input Side (Control Circuit) The input side is designed to interface directly with 12V logic circuits. * **Optocoupler:** The core component that provides galvanic isolation between the low-voltage control signal and the high-power output. This protects the controller from voltage spikes on the load side. * **LED Indicator:** Most MERP modules include a built-in status LED to indicate when the input signal is active. * **Protection Diode:** Often includes a polarity protection diode to prevent damage if the input wires are reversed. #### 2. Output Side (Switching Circuit) Unlike traditional mechanical relays, this uses semiconductor technology. * **Power MOSFET:** The primary switching element. Because it is a MOSFET-based SSR, it offers very low "on-resistance" ($R_{DS(on)}$), which minimizes heat generation during operation. * **Snubber/Suppression Circuit:** Internal circuitry designed to handle back-EMF (electromotive force) generated when switching inductive loads (like solenoids or small DC motors). --- ### Advantages of the MERP-12MB-R * **High Switching Speed:** Solid-state technology allows for much faster cycle times compared to mechanical relays (microseconds vs. milliseconds). * **Longevity:** Since there are no moving parts or physical contacts, there is no mechanical wear or electrical arcing, leading to a significantly longer lifespan. * **Silent Operation:** Ideal for environments where the clicking noise of mechanical relays is undesirable. * **Compact Form Factor:** The "MB" designation often refers to the slim block style, allowing for high-density placement on a DIN rail. ### Common Applications 1. **PLC Output Interfacing:** Driving DC valves, actuators, or lamps from a 12V PLC output. 2. **PWM Control:** Due to its speed, it can sometimes be used for basic Pulse Width Modulation (PWM) applications for dimming or speed control. 3. **Industrial Robotics:** Providing isolated signals between different power domains in a robot controller. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the MERP-12MB-R and a standard mechanical relay?
    • ⤷ What is the maximum surge current this SSR can handle?
    • ⤷ Are there specific heat dissipation requirements for mounting these in a closed cabinet?