AI

The **MEPF-14MF-R** is a high-performance, shielded power inductor typically manufactured by companies like **ITG Electronics**. It is designed for high-frequency DC-DC converters, point-of-load (POL) applications, and high-current power supplies.
---
### 1. Key Technical Specifications
The "MEPF" series is characterized by its molded construction, which provides excellent magnetic shielding and high saturation current.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Inductance** | Specified by the value code (e.g., 0.22µH to 10µH) |
| **Current Rating** | High (often up to 40A+ depending on specific inductance) |
| **Construction** | Metal Alloy Powder (Molded) |
| **Shielding** | Magnetically Shielded (Low EMI) |
| **Operating Temp** | -55°C to +125°C (including self-heating) |
| **RoHS Status** | Compliant (indicated by the **-R** suffix) |
---
### 2. Breakdown of the Part Number
While specific manufacturer numbering can vary slightly, the code generally follows this logic:
* **MEPF**: Series designation (Metal Electronic Powder Filter/Inductor).
* **14**: Often refers to the physical size/footprint (e.g., ~14mm length).
* **MF**: Material or Revision code (Flat-wire or specific powder mix).
* **-R**: Indicates RoHS (Restriction of Hazardous Substances) compliance.
---
### 3. Core Electronic Features
#### A. Molded Technology
Unlike traditional wire-wound inductors with an open core, the MEPF-14MF-R uses a **molded powder** design. The copper coil is embedded directly into a metallic powder composite. This results in:
* **Soft Saturation:** The inductance doesn't drop off sharply when current increases.
* **Low Audible Noise:** The solid construction prevents the "coil whine" often heard in power circuits.
#### B. High Current Handling
Because these parts often use **flat-wire** technology, they have a larger surface area for current flow, reducing the DC Resistance (DCR) and minimizing heat generation.
#### C. Shielding and EMI
The composite powder body acts as a natural shield, containing the magnetic flux within the component. This is critical for dense PCB layouts where electromagnetic interference (EMI) could disrupt nearby sensitive components.
---
### 4. Common Applications
* **Voltage Regulator Modules (VRMs):** Found in high-end motherboards and servers.
* **DC-DC Converters:** Used in automotive and industrial power systems.
* **Graphic Cards (GPUs):** Handling the high-current demands of modern processors.
* **Telecom Infrastructure:** Providing stable power for base stations.
---
- ⤷
What is the exact inductance value for the 14MF variant?
- ⤷ How does 'soft saturation' improve circuit stability compared to ferrite cores?
- ⤷ What are the PCB footprint dimensions for the 14 size series?