MEPF-12M4-R/
AI

The **MEPF-12M4-R** is a specific electronic component, typically classified as a **Power Inductor** (Surface Mount Device - SMD). These components are critical for power management, voltage regulation, and filtering in modern electronics.
Below is a detailed breakdown of its specifications, construction, and applications.
---
### 1. General Specifications
While specific data can vary slightly by manufacturer (often associated with brands like **Mag Layers**), the "12M4" designation usually refers to its physical footprint and specific electrical characteristics.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Inductance Value** | Typically 0.12µH to 1.2µH (Series dependent) |
| **Size Code** | 12 (Approx. 12mm x 12mm footprint) |
| **Construction** | Molded Metal Powder (High Current) |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Key Technical Features
The "MEPF" series is designed for high-performance power circuits. Key characteristics include:
* **Magnetic Shielding:** The molded construction provides excellent EMI (Electromagnetic Interference) shielding, preventing the inductor from interfering with nearby components.
* **High Saturation Current:** Because they use metal alloy powders, these inductors can handle high peak currents without the inductance dropping off sharply (soft saturation).
* **Low DCR (DC Resistance):** Designed with thick copper wire to minimize energy loss as heat, increasing overall power efficiency.
* **Temperature Stability:** Operates reliably across a wide temperature range, typically -40°C to +125°C.
---
### 3. Application Areas
The MEPF-12M4-R is commonly found in the following circuits:
1. **DC/DC Converters:** Used as the main energy storage element in buck (step-down) or boost (step-up) converters.
2. **Voltage Regulator Modules (VRM):** Essential for CPU and GPU power delivery on motherboards and server cards.
3. **Battery Powered Devices:** High efficiency helps extend battery life in laptops and tablets.
4. **Automotive Electronics:** Used in infotainment and ADAS systems due to its rugged molded design.
---
### 4. Part Number Breakdown (Typical)
| Prefix | Series | Size | Value Code | Termination |
| :--- | :--- | :--- | :--- | :--- |
| **M** | Metal | **12** | **M4** | **-R** |
| Manufacturer Code | Molded Powder | ~12mm Body | Inductance/Tolerance | RoHS/Tape & Reel |
---
- ⤷
What is the exact saturation current rating for the MEPF-12M4-R?
- ⤷ How does a molded inductor differ from a traditional wire-wound ferrite inductor?
- ⤷ What are the recommended soldering profile settings for this SMD part?