AI

The **MEPF-12M3W-R** is a specific model of an **Electronic Piezoelectric Buzzer/Sounder**. These components are widely used in industrial equipment, medical devices, and household appliances to provide audible feedback or alarms.
Below is a detailed breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications
The "MEPF" series typically denotes a panel-mount piezoelectric indicator with internal circuitry.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Transducer Type** | Piezoelectric |
| **Operating Voltage** | 3V - 28V DC (Range may vary slightly by batch) |
| **Rated Voltage** | 12V DC |
| **Current Consumption** | 8mA - 15mA at rated voltage |
| **Sound Pressure Level (SPL)** | ≥ 85-90 dB at 30cm |
| **Resonant Frequency** | 2.8 kHz ± 0.5 kHz |
| **Tone Type** | Continuous or Fast Pulse (depending on internal lead config) |
| **Mounting Type** | Panel Mount (Screw-in) |
---
### 2. Electronic Components & Internal Structure
The MEPF-12M3W-R is an **active buzzer**, meaning it contains internal oscillating circuitry. Unlike a passive transducer, it does not require an external AC signal to produce sound.
* **Piezoelectric Diaphragm:** A ceramic disc attached to a metal plate. When voltage is applied, the ceramic material deforms (piezoelectric effect), creating pressure waves in the air.
* **Oscillator Circuit:** Built-in transistors and resistors that convert the steady DC input into a square wave at the resonant frequency of the ceramic disc.
* **Housing/Chamber:** The plastic casing acts as an acoustic resonance chamber to amplify the sound output.
* **Lead Wires:** The "3W" in the part number often indicates **3 wires** (typically Red, Black, and a third wire for tone control or common ground switching).
---
### 3. Pinout / Wiring Configuration
Typically, for a 3-wire DC piezo sounder like this model:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC (+) | Positive power supply (12V DC) |
| **Black** | GND (-) | Common ground |
| **Yellow/Blue** | Control / Tone | Often used to toggle between a continuous or pulsing tone |
---
### 4. Key Advantages
1. **Low Power Consumption:** Because it uses the piezoelectric effect rather than an electromagnetic coil, it draws very little current compared to mechanical bells.
2. **Wide Voltage Range:** It can operate reliably even if the power supply fluctuates between 5V and 20V.
3. **Durability:** No moving parts (like a striker) means a long operational life (typically >100,000 hours).
4. **No EMI:** It generates minimal electromagnetic interference, making it safe for use near sensitive microcontrollers.
- ⤷
What is the difference between an active and a passive piezo buzzer?
- ⤷ How do I wire the third wire to change the tone type?
- ⤷ What is the maximum decibel level this buzzer can reach safely?