công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEPF-11P5-R

  • AI
    The **MEPF-11P5-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-current magnetic component used in power management circuits. Below is the detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The MEPF series is generally designed for high-density power applications where low DC resistance (DCR) and high saturation currents are required. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Construction** | Metal Composite (Molded) | | **Mounting Type** | SMD (Surface Mount Device) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Technical Specifications While specific values can vary slightly by manufacturer (often associated with brands like Eaton/Coiltronics or Vishay clones), the "11P5" nomenclature typically refers to the physical size and inductance value. ### Key Electrical Parameters * **Inductance Value:** Typically around **1.5µH** (indicated by the "1P5" code). * **Tolerance:** Usually $\pm20\%$. * **Saturation Current ($I_{sat}$):** Designed to handle high peak currents without the magnetic core saturating (typically 10A - 20A range depending on size). * **Heating Current ($I_{rms}$):** The continuous current that causes a $40^\circ C$ temperature rise. * **DCR (DC Resistance):** Extremely low (measured in mΩ) to minimize power loss and maximize efficiency. --- ## 3. Physical Characteristics The "11" in the prefix usually denotes the footprint size, often corresponding to an **11mm x 10mm** (approximate) package. ### Material Composition 1. **Core:** Carbonyl iron powder or metal alloy powder, which provides soft saturation characteristics. 2. **Windings:** Heavy-gauge copper wire. 3. **Shielding:** The molded construction provides inherent electromagnetic interference (EMI) shielding. --- ## 4. Typical Applications This component is used in DC-DC converters to smooth out current and store energy. * **Voltage Regulator Modules (VRM):** Used in motherboards and servers. * **Point of Load (POL) Converters:** For localized high-current power supply. * **Battery Powered Systems:** Where high efficiency and low heat generation are critical. * **Distributed Power Systems:** In telecommunications and industrial equipment. --- ## 5. Part Number Breakdown A typical breakdown for this series is as follows: | Code | Meaning | | :--- | :--- | | **MEPF** | Series Name (Molded Electronic Power Filter/Inductor) | | **11** | Physical Size Identifier (Case size) | | **1P5** | Inductance Value (1.5 microhenries) | | **-R** | RoHS Compliant / Lead-Free |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MEPF-11P5-R?
    • ⤷ How does a metal composite inductor differ from a ferrite core inductor?
    • ⤷ Can you provide the specific DCR rating for the 1.5uH model?