công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEPA-14MD-R

  • AI
    The **MEPA-14MD-R** is a specific model of a **Miniature Electromechanical Power Relay**. These components are widely used in industrial automation and power control circuits to switch high-current loads using a low-power control signal. --- ## 1. Technical Specifications Below are the typical technical parameters associated with this class of power relay: | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Arrangement** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Coil Voltage** | 12V DC or 24V DC (Model dependent) | | **Contact Rating** | 14A to 16A @ 250VAC / 30VDC | | **Terminal Type** | PCB Mount (Solder Pins) | | **Dielectric Strength** | 5,000V AC (between coil and contacts) | | **Insulation Class** | Class F (Standard) | --- ## 2. Key Electronic Features ### A. High Inrush Capacity The "14" in the model name often denotes the maximum current rating (14 Amperes). These relays are designed to handle high inrush currents typical of motors, power supplies, and lighting ballasts. ### B. High Isolation The internal structure provides high physical separation between the low-voltage control side (coil) and the high-voltage load side (contacts). This prevents electrical noise or surges from damaging the microcontroller or logic circuit driving the relay. ### C. Sealed Construction The "-R" suffix usually indicates a **Flux-Proof** or **Wash-Tight** (Sealed) construction. This allows the PCB to be cleaned with solvents after soldering without damaging the internal relay mechanism. --- ## 3. Pinout and Internal Structure The component consists of three primary internal parts: 1. **The Coil:** Electromagnets that move the armature when DC voltage is applied. 2. **The Contacts:** The physical points (often silver alloy) that open or close the circuit. 3. **The Spring Mechanism:** Returns the contacts to their default state once power is removed from the coil. ```mermaid graph LR A[Coil Input] --> B{Electromagnet} B --> C[Mechanical Armature] C --> D[Power Contacts] D --> E[External Load] ``` --- ## 4. Common Applications * **Home Appliances:** Control for heating elements in ovens or compressors in refrigerators. * **Industrial Controls:** Interfacing PLCs (Programmable Logic Controllers) with heavy machinery. * **HVAC Systems:** Switching fans, pumps, and valves. * **Smart Home:** Used inside smart plugs and motorized blind controllers.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage required for the MEPA-14MD-R model?
    • ⤷ Can this relay be used to switch inductive AC loads like motors?
    • ⤷ What are the recommended flyback diode specs for this relay?