công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEPA-13M3W-R

  • AI
    The **MEPA-13M3W-R** is a specific electronic component, typically categorized as a high-performance **Metal Composite Power Inductor**. These are widely used in power management circuits for automotive, industrial, and high-end consumer electronics. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its physical and electrical properties. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Metal Composite Power Inductor | | **Inductance** | 3.3 µH (indicated by "3R3" or "3W" in coding) | | **Tolerance** | ±20% | | **Construction** | Shielded, Metal Iron Powder Core | | **Mounting Type** | SMD (Surface Mount Device) | | **Operating Temperature** | -40°C to +125°C (including self-heating) | --- ### 2. Key Features The "MEPA" series is known for its ruggedness and efficiency in high-frequency applications. * **High Current Handling:** Due to the metal composite core, these inductors offer high saturation currents ($I_{sat}$), meaning the inductance doesn't drop sharply when high current flows through it. * **Low DC Resistance (DCR):** Designed with flat wire or optimized copper windings to minimize power loss and heat generation. * **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components. * **Soft Saturation:** Unlike ferrite cores that lose inductance abruptly, this part saturates "softly," providing better stability in DC-DC converter circuits. --- ### 3. Application Areas This component is primarily found in the "Buck" (Step-down) or "Boost" (Step-up) stages of power supplies. 1. **Automotive Electronics:** Used in ADAS (Advanced Driver Assistance Systems) and infotainment power rails. 2. **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. 3. **Industrial:** High-efficiency DC-DC converters and battery management systems. --- ### 4. Technical Comparison: Metal Composite vs. Ferrite To understand why the MEPA-13M3W-R is chosen, it helps to compare it to standard ferrite inductors: | Feature | MEPA (Metal Composite) | Standard Ferrite | | :--- | :--- | :--- | | **Saturation Profile** | Soft (Gradual) | Hard (Abrupt) | | **Audible Noise** | Very Low (Molded) | Potential Buzzing | | **Footprint** | Smaller for same current | Larger | | **EMI Shielding** | Excellent | Variable | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for the MEPA-13M3W-R?
    • ⤷ Can this inductor be used in high-frequency switching above 2MHz?
    • ⤷ What are the physical dimensions (LxWxH) of this specific package?