MEPA-11ME-R
AI

The **MEPA-11ME-R** is a specific electronic sub-assembly, typically identified as a **Switching Mode Power Supply (SMPS)** or a **Power Control Board** often found in consumer electronics, specifically LG television sets and monitors.
---
## 1. Core Technical Specifications
The MEPA-11ME-R functions as the primary power converter for the device, transforming AC mains voltage into regulated DC voltages required by the internal logic boards and backlight arrays.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Supply Unit (PSU) / SMPS |
| **Input Voltage** | 100V - 240V AC (~50/60Hz) |
| **Output Rails** | Typically 13V DC (Logic) and High Voltage (LED Backlight) |
| **Cooling** | Passive (Heatsinks) |
| **Safety Certifications** | UL, CE, RoHS Compliant |
---
## 2. Key Electronic Sections
The board is divided into two main zones: the **Primary (Hot)** side and the **Secondary (Cold)** side, separated by an isolation barrier (the "Galvanic Isolation Line").
### A. Primary Section (High Voltage)
* **EMI Filter:** Uses X-Capacitors and Common Mode Chokes to prevent electrical noise from leaking back into the power grid.
* **Bridge Rectifier:** Converts AC input into pulsed DC.
* **PFC (Power Factor Correction):** Often includes an inductor and MOSFET to improve efficiency.
* **Main Filter Capacitor:** The large cylindrical capacitor (usually 400V-450V) that stores high-voltage DC.
### B. Secondary Section (Low Voltage)
* **Switching Transformer:** The core component that steps down the high voltage to usable levels.
* **Schottky Diodes:** Rectify the high-frequency AC from the transformer into stable DC.
* **Filter Electrolytic Capacitors:** Smooth out the output ripples for stable logic power.
### C. Feedback Loop
* **Optocouplers:** These transmit signals from the secondary side back to the primary side to regulate voltage without physical electrical contact, ensuring safety and stability.
---
## 3. Common Failure Points
Technicians often look for the following issues on the MEPA-11ME-R board:
1. **Bulging Capacitors:** Electrolytic capacitors on the secondary side often dry out or leak, causing power instability or "no-start" conditions.
2. **Blown Fuse:** Usually indicates a short circuit in the Bridge Rectifier or the Main Switching MOSFET.
3. **Cold Solder Joints:** Due to the heat generated by the diodes and transformers, solder joints can crack over time, leading to intermittent power.
---
## 4. Pinout Example (Typical)
The output connector (usually labeled `P201` or similar) generally follows this logic:
| Pin Name | Function |
| :--- | :--- |
| **PWR-ON** | Signal from the Main Board to wake the PSU from standby. |
| **13V** | Main power for the system logic and audio. |
| **GND** | Ground / Common Return. |
| **DRV-ON** | Backlight Enable signal. |
- ⤷
What are the common symptoms of a failing MEPA-11ME-R board?
- ⤷ How can I test the output voltages of this board using a multimeter?
- ⤷ Is there a direct substitute or universal board for the MEPA-11ME-R?