công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEH78ZAA-R

  • AI
    The **MEH78ZAA-R** is a specific model of an AC axial fan, typically manufactured by **Fulltech Electric**. These fans are engineered for high-performance cooling in industrial and commercial environments. Below is a detailed breakdown of its electronic and mechanical parts. --- ### 1. Technical Specifications The MEH78ZAA-R is characterized by its rectangular housing and high-voltage AC motor. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 230V AC (Standard) | | **Frequency** | 50/60 Hz | | **Bearing Type** | Dual Ball Bearing | | **Motor Type** | Shaded Pole or Capacitor-run Induction Motor | | **Frame Material** | Die-cast Aluminum (often coated in black) | | **Impeller Material** | Thermoplastic (PBT) or Metal | | **Termination** | Lead Wires (R suffix often denotes wire leads) | --- ### 2. Internal Electronic Components While these fans appear simple, they contain several key electronic elements to ensure safety and efficiency: * **The Stator Windings:** Copper coils that generate the electromagnetic field required to rotate the rotor. In the "MEH" series, these are usually high-temperature rated (Class B or F insulation). * **Impedance Protection:** This model is typically "Impedance Protected." If the fan blades are blocked (locked rotor), the internal resistance of the windings prevents the motor from drawing enough current to burn out or cause a fire. * **Dual Ball Bearings:** These are mechanical parts with an electronic purpose: reducing friction to maintain stable RPM and preventing electromagnetic interference (EMI) caused by physical vibration. * **Capacitor (Model Dependent):** Some variations in this series use a starting capacitor to shift the phase of the AC current, providing the necessary torque to start the fan. --- ### 3. Key Performance Features The "ZAA" designation often refers to specific airflow and pressure characteristics optimized for heavy-duty use. 1. **High Static Pressure:** Designed to push air through dense filters or narrow enclosures. 2. **Environmental Resistance:** The aluminum frame acts as a heat sink for the motor, while the "R" designation often implies compliance with RoHS environmental standards. 3. **Longevity:** Rated for approximately 50,000 to 70,000 hours of continuous operation at standard temperatures. --- ### 4. Wiring Diagram Representation Typically, the wiring for a 230V AC lead-wire fan is straightforward: ```text [ Power Source 230V AC ] | ----------------- | | [ Blue ] [ Brown ] (Colors may vary: typically Black/Black) | | ----------------- | [ Motor ] ```
    ✨ Follow-up Questions
    • ⤷ What are the dimensions and mounting hole patterns for the MEH78ZAA-R?
    • ⤷ How does the 'Impedance Protection' in this fan differ from thermal protection?
    • ⤷ Can this fan be used with a speed controller or dimmer?