công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEH78XAD-R

  • AI
    The **MEH78XAD-R** is a specific model of an **Explosion-Proof Magnetic Door Holder**, typically manufactured by companies like *RCI (Rutherford Controls)* or *Dormakaba*. These devices are engineered to hold fire doors open under normal conditions and release them automatically during a fire alarm or power failure. Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Electronic Components | Component | Function | | :--- | :--- | | **Electromagnetic Coil** | The heart of the device; creates a magnetic field when energized to hold the door's armature plate. | | **Internal Rectifier** | Converts AC input to DC (if applicable) and stabilizes the voltage to ensure a consistent holding force. | | **Suppression Diode** | Protects the fire alarm control panel from "inductive kickback" (voltage spikes) when the magnet is de-energized. | | **Explosion-Proof Housing** | A heavy-duty enclosure designed to prevent internal sparks from igniting flammable gases or dust in the environment. | | **Wiring Terminal** | Internal connection points for power input (usually 24V or 120V depending on the specific variant). | --- ## 2. Technical Specifications The "MEH" series (Magnetic Explosion-Proof Holder) generally adheres to the following electronic parameters: ### Power Requirements * **Operating Voltages:** Commonly available in **24V AC/DC**, **120V AC**, or **12V DC**. * **Current Draw:** Extremely low (typically between **0.015A to 0.040A**) to minimize the load on the fire alarm's power supply. ### Physical & Safety Ratings * **Holding Force:** Approximately **35-40 lbs (15.8 - 18.1 kg)**. * **Hazardous Ratings:** Class I, Division 1 & 2 (Groups B, C, D) and Class II, Division 1 & 2 (Groups E, F, G). This means it is safe for use near hydrogen, gasoline, or combustible dust. --- ## 3. Operating Principle 1. **Energized State:** The fire alarm system provides continuous power to the electromagnetic coil. The magnetic flux holds the metal armature plate (attached to the door) firmly against the device. 2. **De-energized State:** When the fire alarm is triggered, the relay at the control panel breaks the circuit. 3. **Fail-Safe Release:** As soon as power is cut, the magnetic field collapses. A spring-loaded pin (often found on the armature) overcomes residual magnetism to ensure the door closes immediately via its manual door closer. --- ## 4. Typical Wiring Diagram (Simplified) ```text [Fire Alarm Control Panel] | [24V DC Output] ----(+)---- [Terminal 1: MEH78XAD-R] | | [Common/GND] ----(-)---- [Terminal 2: MEH78XAD-R] ``` --- ### Key Installation Notes * **Polarity:** For DC models, ensuring correct polarity is vital for the suppression diode to function without shorting. * **Conduit:** Because it is an explosion-proof device, the wiring must be run through **rigid metal conduit** with approved seal-offs to maintain the safety rating.
    ✨ Follow-up Questions
    • ⤷ What is the specific difference between the 24V and 120V versions of this door holder?
    • ⤷ How do you test the residual magnetism release on an MEH78XAD-R?
    • ⤷ What are the maintenance requirements for explosion-proof magnetic locks?