MEH68ZBX-R
AI

The **MEH68ZBX-R** is a specific model of an **Incremental Rotary Encoder**, typically manufactured by companies like **Nemicon** or similar industrial sensor providers. These components are used to convert the angular position or motion of a shaft into analog or digital signals.
---
### 1. Technical Specifications Overview
The "MEH" series usually represents a hollow-shaft type encoder designed for mounting directly onto motor shafts.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Incremental Rotary Encoder |
| **Shaft Design** | Hollow Shaft (Built-in) |
| **Resolution** | Usually indicated by the numbers (e.g., 680 or 68 pulses per rotation) |
| **Output Phase** | A, B, and Z (Index) phases |
| **Supply Voltage** | Typically 5V DC or 12-24V DC (depends on suffix) |
| **Output Type** | Line Driver or Totem Pole (Push-Pull) |
---
### 2. Breakdown of the Part Number
While naming conventions vary slightly by manufacturer, the code usually breaks down as follows:
* **MEH:** Series identifier (Miniature/Medium Encoder Hollow shaft).
* **68:** Usually refers to the outer diameter of the encoder body (68mm).
* **Z:** Represents the inclusion of a "Zero" or Index pulse (Z-phase).
* **BX:** Often denotes the output circuit type (e.g., Complementary or Line Driver) and connection method.
* **R:** Generally indicates "Radial" cable exit or a specific RoHS compliance/Revision marker.
---
### 3. Key Electronic Components Inside
An encoder like the MEH68ZBX-R consists of several internal electronic subsystems:
1. **Light Source (LED):** An infrared LED that shines through a coded disk.
2. **Coded Disk:** A glass or plastic disk with transparent and opaque lines that "chop" the light as it spins.
3. **Photo-Detector Array:** High-speed photodiodes that catch the light pulses and convert them into small electrical currents.
4. **Signal Conditioning (ASIC):** An internal chip that cleans the sine-wave signals from the sensors and converts them into square waves (TTL/HTL).
5. **Output Driver:** Transistors (usually in a Push-Pull or RS422 configuration) that boost the signal so it can travel through long cables to a PLC or CNC controller.
---
### 4. Wiring and Signal Output
Most encoders in this class utilize a standard 5-wire or 8-wire configuration:
```yaml
Standard Output Phases:
- Phase A: Primary pulse for speed calculation.
- Phase B: Shifted 90° from Phase A to determine direction (Quadrature).
- Phase Z: One pulse per revolution for homing/reference.
- VCC/GND: Power supply lines.
- A-, B-, Z-: Inverted signals for noise reduction (if Line Driver).
```
---
### 5. Common Applications
* **Servo Motors:** Providing feedback on rotor position.
* **Factory Automation:** Measuring conveyor belt speed.
* **Elevators:** Monitoring car position and door speed.
* **Textile Machinery:** Ensuring precise tension and synchronization.
- ⤷What is the difference between a hollow shaft and a solid shaft encoder?
- ⤷ How do I troubleshoot a 'No Signal' error from this encoder?
- ⤷ Which output type (Line Driver vs. Open Collector) is best for long-distance wiring?