công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEH63ZBA-R

  • AI
    The **MEH63ZBA-R** is a specific model of an **LCD/LED Display Panel**, typically manufactured by **Innolux** (or related suppliers like Chimei Innolux). It is commonly found in industrial equipment, medical devices, and high-end monitors. --- ## 1. Technical Specifications The core electronic components of the MEH63ZBA-R define its interface and visual performance. | Feature | Specification | | :--- | :--- | | **Panel Type** | a-Si TFT-LCD | | **Resolution** | 1280 x 1024 (SXGA) | | **Interface** | LVDS (Low-Voltage Differential Signaling) | | **Backlight Type** | WLED (White LED) | | **Input Voltage** | 5.0V (Typical) | | **Surface Treatment** | Antiglare (Haze 25%), Hard coating (3H) | --- ## 2. Key Electronic Sections ### A. The LVDS Interface The device utilizes **LVDS** technology for data transmission. This is critical because: - It reduces electromagnetic interference (EMI). - It allows for high-speed data transfer using low power. - It typically uses a **30-pin connector** to receive pixel data from the controller board. ### B. Backlight Driver System The "R" suffix often denotes a specific revision or RoHS compliance. The electronic backlight system consists of: - **LED Strings:** Multiple white LEDs arranged to provide uniform brightness. - **Constant Current Driver:** Requires an external or integrated LED driver board to regulate voltage and prevent thermal runaway. ### C. T-CON Board (Timing Controller) Integrated onto the back of the panel, the T-CON board: 1. Receives the LVDS signals. 2. Converts them into row and column signals for the TFT glass. 3. Manages the refresh rate (typically 60Hz). --- ## 3. Connector Pin Assignment (General Layout) While you should always consult the specific datasheet for wiring, the 30-pin LVDS interface generally follows this electronic logic: | Pins | Function | Description | | :--- | :--- | :--- | | 1-3 | **VCC** | Power Supply (+5V) | | 4-7 | **GND** | Ground | | 8-25 | **Data Pairs** | Differential pairs for RGB data (Odd/Even) | | 26-30 | **NC/Reserved** | No connection or internal testing | --- ## 4. Maintenance and Usage Notes - **Electrostatic Discharge (ESD):** The T-CON board and LVDS pins are highly sensitive. Always use an anti-static wrist strap when handling. - **Voltage Tolerance:** Ensure the power supply is a stable 5V. Spikes above 5.5V can permanently damage the internal logic circuits. - **Inverter/Driver:** If the screen remains dark but shows an image under a flashlight, the electronic failure is likely in the **LED Driver circuit**, not the LCD glass itself.
    ✨ Follow-up Questions
    • ⤷ Where can I download the official datasheet for the MEH63ZBA-R?
    • ⤷ What are the compatible LED driver boards for this specific panel?
    • ⤷ How do I troubleshoot a 'No Signal' error on an LVDS interface?