AI

The **MEH58ZBX-R** is a high-precision, industrial-grade incremental rotary encoder typically used in motor feedback systems and automation machinery. It is designed for heavy-duty environments, offering robust mechanical and electrical performance.
### 1. Key Technical Specifications
The following table outlines the core electronic and physical attributes of the MEH58 series:
| Feature | Specification |
| :--- | :--- |
| **Encoder Type** | Incremental Rotary Encoder |
| **Housing Diameter** | 58 mm (Standard Industrial Size) |
| **Shaft Type** | Through Hollow Shaft (or Blind Hollow) |
| **Output Phase** | A, B, Z (Index), and inverted signals (A-, B-, Z-) |
| **Supply Voltage** | 5V DC or 8-30V DC (Model dependent) |
| **Connection Type** | Radial Cable or M23/M12 Connector |
| **Protection Class** | IP64 or IP65 (Dust and Water Resistant) |
---
### 2. Internal Electronic Components
The device functions through a combination of optical and electronic sub-assemblies:
* **Infrared LED Source:** Provides the light beam required for position sensing.
* **Photo-Detector Array:** A high-speed ASIC (Application Specific Integrated Circuit) that receives light pulses and converts them into electrical currents.
* **Coded Disk:** A glass or plastic disk with fine radial lines that interrupt the light beam to create pulses.
* **Driver Output Circuit:** Usually utilizes a **Push-Pull** (HTL) or **Line Driver** (TTL/RS422) circuit to transmit signals over long distances without significant noise interference.
---
### 3. Signal Configuration
The "R" suffix often denotes specific connector orientations or resolution characteristics. Typically, the wiring follows a standard differential pattern to ensure electromagnetic compatibility (EMC):
```yaml
Signal Logic:
- Channel A: Quadrature pulse for speed/position
- Channel B: 90° shifted from A to determine direction
- Channel Z: Reference mark (once per revolution)
- Differential: /A, /B, /Z for noise cancellation
```
---
### 4. Common Applications
Due to its 58mm form factor, this part is widely used in:
1. **CNC Machines:** For precise spindle or axis positioning.
2. **Elevator Motors:** To monitor speed and floor leveling.
3. **Packaging Lines:** To synchronize conveyor belts with robotic arms.
4. **Textile Industry:** For tension control and high-speed rotation monitoring.
- ⤷
What is the maximum pulse per revolution (PPR) supported by the MEH58 series?
- ⤷ How do I wire the MEH58ZBX-R to a PLC using a NPN or PNP configuration?
- ⤷ What are the primary differences between the MEH58 and the MEH50 models?