AI

Based on the identification code **MEH28ZBD-R**, this part is an **Electrolytic Capacitor**, specifically from the **MEH Series** manufactured by **Man Yue (Samxon)**. These are large-scale, snap-in terminal aluminum electrolytic capacitors designed for high-power industrial applications.
---
### 1. Part Number Breakdown
The alphanumeric code follows a specific manufacturer nomenclature:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **MEH** | Series Name | High-reliability, snap-in type, 105°C rated. |
| **28** | Voltage/Capacitance Code | Usually indicates voltage rating (e.g., 280V or a size code). |
| **ZBD** | Case/Terminal Code | Refers to the physical dimensions (Diameter x Length). |
| **-R** | Compliance | RoHS compliant (Lead-free). |
---
### 2. Technical Specifications
While exact values can vary based on specific manufacturer datasheets for that sub-code, the **MEH Series** generally follows these parameters:
* **Type:** Aluminum Electrolytic (Polarized).
* **Terminal Type:** Snap-in (designed for PCB mounting with stability).
* **Temperature Range:** -40°C to +105°C (Standard industrial high-temp rating).
* **Load Life:** Typically 2,000 to 3,000 hours at 105°C (Equivalent to several years at room temperature).
* **Voltage Range:** Often found between 160V and 450V.
* **Tolerance:** ±20% (Standard for electrolytic caps).
---
### 3. Key Features & Applications
#### Features:
* **High Ripple Current:** Designed to handle significant AC components superimposed on the DC voltage.
* **Compact Design:** High capacitance density relative to its physical footprint.
* **Safety Vent:** Includes a pressure relief vent on the top or bottom to prevent explosion during failure.
#### Typical Applications:
1. **Switch Mode Power Supplies (SMPS):** Used as a primary smoothing capacitor.
2. **Frequency Converters:** Used in the DC-link circuit.
3. **Uninterruptible Power Supplies (UPS):** Energy storage for power backup.
4. **Industrial Inverters:** Filtering and decoupling in motor drives.
---
### 4. Precautions for Use
* **Polarity:** These are polarized components. Reversing the voltage will cause catastrophic failure.
* **Derating:** For maximum longevity, it is recommended to operate the capacitor at 80% of its rated voltage.
* **Heat:** Ensure adequate airflow, as these parts generate heat during high ripple current operation.
- ⤷
What is the exact capacitance and voltage rating for the MEH28ZBD-R?
- ⤷ Can this capacitor be used as a direct replacement for a 105C rated Rubycon or Nichicon part?
- ⤷ What are the physical dimensions (Diameter x Height) for the ZBD case code?