MEH28XAA-R
AI

Based on your request, here is the technical breakdown of the **MEH28XAA-R**.
This part number typically refers to a specialized **DC Brushless Fan Motor** or a related fan assembly component often used in HVAC systems (specifically units manufactured by brands like Mitsubishi Electric or Daikin).
---
### 1. Technical Specifications
The following table outlines the typical electrical and mechanical characteristics associated with this specific series of motors:
| Parameter | Specifications (Typical) |
| :--- | :--- |
| **Motor Type** | DC Brushless (BLDC) |
| **Voltage Range** | 280V - 340V DC |
| **Drive Method** | Integrated Inverter / PWM Control |
| **Input Power** | ~20W - 45W (Varies by load) |
| **Speed Feedback** | Pulse Sensor (FG Output) |
| **Rotation** | Counter-Clockwise (CCW) / Clockwise (CW) depending on suffix |
---
### 2. Internal Electronic Components
The "Electronic" aspect of this part is complex because it contains an internal PCB (Printed Circuit Board) rather than just copper windings. Key components include:
* **Integrated Power Module (IPM):** Converts the high-voltage DC input into three-phase AC to drive the internal stator.
* **Hall Effect Sensors:** Used for rotor position detection to ensure smooth startup and precise speed control.
* **Protection Circuitry:**
* **Thermal Cutoff:** Prevents the motor from burning out if the bearings seize.
* **Over-Current Protection:** Shuts down the drive logic if current spikes occur.
* **Control Interface:** Usually a 5-wire or 6-wire connector:
1. **Vdc:** High voltage (approx. 310V).
2. **Vcc:** Logic power (approx. 15V).
3. **Vsp:** Speed control signal (0-5V DC).
4. **FG:** Feedback (Frequency Generator) signal.
5. **GND:** Signal/Power Ground.
---
### 3. Common Failure Points
Since this is an electronic motor, failures are often not mechanical. Common issues include:
1. **Capacitor Failure:** Drying out of electrolytic capacitors on the internal driver board due to heat.
2. **Inverter Breakdown:** The internal switching transistors (IGBTs) shorting out, preventing the fan from spinning even if power is present.
3. **Signal Noise:** Interference on the `Vsp` line causing erratic speeds.
### 4. Comparison to Standard AC Motors
| Feature | MEH28XAA-R (BLDC) | Standard AC Motor |
| :--- | :--- | :--- |
| **Efficiency** | High (90%+) | Moderate (60-70%) |
| **Speed Control** | Stepless / Variable | Fixed or multi-tap |
| **Repairability** | Low (Sealed Electronics) | High (Replace Capacitors) |
---
- ⤷
How do I test the voltage on a 5-wire MEH28XAA-R motor connector?
- ⤷ What are the specific HVAC models that use this motor part?
- ⤷ Can I replace an MEH28XAA-R with a standard AC fan motor?