MEH26ZBX-R
AI

The **MEH26ZBX-R** is a high-performance **Brushless DC (BLDC) Motor** developed by MinebeaMitsumi. These motors are widely utilized in precision cooling systems, particularly for server infrastructure, telecommunications, and high-end industrial equipment.
---
### 1. Technical Specifications
The "MEH" series is characterized by its integration of advanced electronic control circuits and high-density winding.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Motor Type** | Brushless DC (BLDC) |
| **Input Voltage** | 12V DC (standard for BX variants) |
| **Drive System** | 3-Phase Sensorless or Hall-Effect |
| **Bearing Type** | Dual Ball Bearing (for long life) |
| **Control Signal** | PWM (Pulse Width Modulation) |
| **Feedback** | Tachometer (FG Signal) Output |
---
### 2. Core Electronic Components
The internal PCB (Printed Circuit Board) of the MEH26ZBX-R contains several critical electronic sub-systems:
#### A. Integrated Drive IC
Unlike simple DC motors, this unit contains a **Micro-Controller or Dedicated Driver IC**. It handles:
* **Commutation:** Digitally switching the current between the motor coils to create rotation.
* **Soft Start:** Gradually increasing current to prevent power spikes on the host system.
#### B. PWM Control Circuit
The "BX" designation often implies advanced speed control. The electronics allow the system to receive a PWM signal from a motherboard (Baseboard Management Controller).
* **Speed Modulation:** The electronics translate the duty cycle (0-100%) into specific RPMs.
* **Protection:** Includes Over-Current Protection (OCP) and Locked Rotor Protection (which cuts power if the fan is physically obstructed to prevent fire).
#### C. Hall Sensors / Position Detection
To maintain high efficiency and torque, the motor uses electronic sensors (or back-EMF sensing) to detect the exact position of the permanent magnet rotor relative to the copper windings.
---
### 3. Physical Electronic Interface
The unit typically features a 4-wire interface, which is standard for high-performance electronic cooling:
| Wire Color (Typical) | Function | Description |
| :--- | :--- | :--- |
| **Black** | GND | Ground / Negative |
| **Red** | VCC | +12V Power Supply |
| **Yellow** | Tach/FG | Frequency Generator signal (monitors RPM) |
| **Blue** | PWM | Control signal input for variable speed |
---
### 4. Key Advantages
* **Energy Efficiency:** The electronic commutation reduces friction and heat loss compared to brushed motors.
* **High MTBF:** The "Dual Ball Bearing" system and solid-state electronics provide a Mean Time Between Failures of often over 70,000 hours.
* **Low EMI:** The onboard circuitry is designed with filtering capacitors to minimize Electromagnetic Interference with surrounding server components.
- ⤷
What is the maximum RPM and CFM airflow for this specific model?
- ⤷ Can this motor be used with a 24V power supply instead of 12V?
- ⤷ How do I interpret the 'FG' signal on an oscilloscope for speed monitoring?