MEH24XAD-R
AI

The **MEH24XAD-R** is a specific electronic component, typically identified as a **Metal Oxide Varistor (MOV)** manufactured by companies like Littelfuse or similar suppliers. It is primarily used for surge protection and voltage clamping in power electronics.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
The "MEH" series is designed for high energy dissipation. Here are the typical electrical parameters for this specific model:
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) |
| **Max Continuous AC Voltage** | ~150V - 175V (Standard for 120V lines) |
| **Max Continuous DC Voltage** | ~200V - 225V |
| **Varistor Voltage** | 240V (Typical at 1mA DC) |
| **Clamping Voltage** | ~395V (at specified peak current) |
| **Peak Surge Current** | 6,500A to 10,000A (8/20µs pulse) |
| **Energy Absorption** | High (Approx. 70 - 100 Joules) |
---
## 2. Physical Construction
The part is usually a **radial-leaded disc**. The materials used are critical to its performance:
* **Zinc Oxide (ZnO):** The primary ceramic material that provides non-linear resistance.
* **Electrodes:** Usually silver or copper-plated for high conductivity.
* **Coating:** Epoxy resin (Flame retardant, typically UL94V-0 rated).
---
## 3. How it Functions (Electronic Logic)
The MEH24XAD-R acts as a **Voltage-Dependent Resistor (VDR)**. Its resistance changes based on the applied voltage:
1. **Normal Operation:** Under standard line voltage, the device has high impedance (looks like an open circuit).
2. **Surge Event:** When a high-voltage spike (like lightning or a motor switch) hits the circuit, the resistance drops instantly.
3. **Clamping:** It shunts the excess current to the ground or neutral, "clamping" the voltage to a level the rest of the circuit can handle.
4. **Recovery:** Once the surge passes, it returns to a high-impedance state.
---
## 4. Typical Applications
This component is commonly found in:
* **Power Supplies:** Protecting the input AC stage.
* **Smart Meters:** Ensuring longevity against grid fluctuations.
* **Industrial Controllers:** Safeguarding PLCs and sensitive sensors.
* **Home Appliances:** White goods like refrigerators or washing machines.
---
## 5. Circuit Implementation Example
In a standard protection circuit, the MOV is placed in parallel with the load.
```text
Line (L) ---- [ Fuse ] ----+---- [ Load ] ---- Neutral (N)
|
[ MEH24XAD-R ]
|
Neutral (N) ---------------+
```
*Note: A fuse is always recommended upstream of the MOV to prevent fire if the MOV fails in a short-circuit state after a massive surge.*
- ⤷
What are the symptoms of a failed MEH24XAD-R varistor?
- ⤷ How do I test this component using a multimeter?
- ⤷ Are there specific SMD alternatives to this radial-leaded part?