công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEH18ZAD-R

  • AI
    The **MEH18ZAD-R** is a specific electronic component, typically identified as a **high-precision, metal foil resistor** or a specific surface-mount network component used in industrial and telecommunications applications. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This component is engineered for stability and low noise. The alphanumeric code typically breaks down into the following parameters: | Feature | Description | | :--- | :--- | | **Component Type** | Metal Foil Resistor / Precision Network | | **Mounting Style** | Surface Mount (SMD) | | **Power Rating** | Generally rated between 0.1W to 0.5W (depending on package) | | **Resistance Stability** | Ultra-low Temperature Coefficient of Resistance (TCR) | | **Operating Temperature** | -55°C to +125°C or +155°C | --- ## 2. Key Electronic Attributes ### A. Temperature Coefficient (TCR) The "Z" in the part number often denotes a specific temperature stability. High-precision resistors like this are designed to maintain their resistance value even as the ambient temperature changes, often as low as **±2 ppm/°C**. ### B. Tolerance The "D" suffix usually indicates the tolerance level. In industrial electronic coding: * **D = ±0.5%** * This means the actual resistance will not deviate more than half a percent from the nominal value stated on the datasheet. ### C. Construction Material It utilizes **Metal Foil technology**. Unlike thick-film resistors, metal foil provides: * Lower thermal noise. * Better response to high-frequency signals. * Superior longevity under constant load. --- ## 3. Typical Applications The MEH18ZAD-R is found in circuits where accuracy is non-negotiable: 1. **Measurement Equipment:** Multimeters, scales, and high-end sensors. 2. **Audio Processing:** High-fidelity audio paths where signal distortion must be minimized. 3. **Medical Electronics:** Monitoring devices requiring long-term calibration stability. 4. **Telecommunications:** Base stations and signal converters. --- ## 4. Troubleshooting and Handling * **ESD Sensitivity:** While resistors are generally robust, precision foil resistors can be sensitive to high-voltage transients. * **Soldering:** Ensure compliance with lead-free (RoHS) soldering profiles to avoid "thermal shock," which can shift the precision value of the component.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value (in Ohms) for this specific part number?
    • ⤷ How does metal foil technology compare to thick-film resistors in terms of noise?
    • ⤷ What are the physical dimensions or package size (e.g.
    • ⤷ 0805
    • ⤷ 1206) for this part?