công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEH18XBD-R

  • AI
    The **MEH18XBD-R** is a specific electronic cooling component, commonly identified as a high-performance **axial DC fan** manufactured by **Nidec (formerly Nidec Copal or Nidec Servo)**. These fans are typically used in servers, industrial power supplies, and telecommunications equipment. --- ## 1. Technical Specifications The "MEH" series is known for high static pressure and reliability. Below are the standard specifications for this model: | Parameter | Specification | | :--- | :--- | | **Frame Size** | 80mm x 80mm x 38mm | | **Rated Voltage** | 12V DC | | **Operating Voltage Range** | 7.0V to 13.2V DC | | **Rated Current** | ~1.5A to 2.1A (depending on specific revision) | | **Airflow** | ~80 - 100 CFM | | **Speed** | ~8,000 - 10,000 RPM | | **Bearing Type** | Dual Precision Ball Bearings | | **Termination** | 4-Wire (typically) | --- ## 2. Electronic Interface (Wiring) The `-R` suffix and the 4-wire configuration indicate advanced electronic control features. These are essential for modern PC and server motherboards. ### Pinout Configuration | Wire Color | Function | Description | | :--- | :--- | :--- | | **Black** | GND | Ground / Negative terminal | | **Red** | VCC | +12V Power Supply | | **Yellow** | Tachometer (FG) | Frequency Generator: Outputs a signal to monitor RPM. | | **Blue** | PWM Control | Pulse Width Modulation: Input signal to control fan speed. | --- ## 3. Key Electronic Features ### A. PWM Speed Control The blue wire allows the system to vary the fan speed from 0% to 100% duty cycle. This is critical for noise management and energy efficiency, as the fan only spins at max speed when thermal loads are high. ### B. Brushless DC (BLDC) Motor The fan uses a 3-phase or single-phase BLDC motor. Inside, an integrated circuit (IC) handles the commutation—switching the electromagnetic coils on and off to spin the permanent magnet rotor without physical brushes, reducing wear and electrical noise. ### C. Locked Rotor Protection The internal electronics detect if the fan blades are obstructed. If a stall is detected, the IC automatically cuts power to the coils to prevent the motor from overheating or burning out, then attempts to restart periodically. ### D. Soft Start The electronic controller limits the "inrush current" when the fan first starts, preventing sudden voltage drops on the power rail that could affect other sensitive electronic parts. --- ## 4. Typical Applications * **Server Racks:** High-density 1U/2U servers requiring high static pressure to push air through heatsinks. * **Crypto Miners:** Continuous high-speed cooling for ASIC or GPU rigs. * **Industrial PSU:** Cooling for high-wattage AC/DC power converters.
    ✨ Follow-up Questions
    • ⤷ What is the maximum static pressure rating for the MEH18XBD-R?
    • ⤷ Can this fan be operated using a 2-pin connection without speed control?
    • ⤷ What are the common failure modes for Nidec MEH series fans?