công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEH12ZAA-R

  • AI
    The **MEH12ZAA-R** is a specific model of an electronic rotary encoder, typically associated with motion control systems, robotics, and industrial automation. It is designed to convert mechanical rotation into electrical signals to monitor position, speed, and direction. --- ### 1. Key Technical Specifications The following table highlights the general electronic and mechanical characteristics of the MEH12 series: | Parameter | Typical Value / Specification | | :--- | :--- | | **Encoder Type** | Incremental Rotary Encoder | | **Output Phase** | Usually A, B, and Z (Index pulse) | | **Resolution** | 100 to 1024 pulses per revolution (PPR) | | **Supply Voltage** | 5V DC or 12-24V DC (Model dependent) | | **Output Type** | Line Driver or Push-Pull | | **Shaft Diameter** | 12mm (Indicated by the "12" in the prefix) | | **Connection** | Rear-exit cable or Radial connector | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's architecture: * **MEH**: Refers to the series designation (likely a Hollow-shaft or Modular Encoder series). * **12**: Specifies the inner diameter of the mounting hole (12mm). * **ZAA**: Indicates the internal electronic configuration (Resolution, Output Phase, and Voltage range). * **-R**: Often signifies a specific physical orientation, such as a **Radial** cable exit or a specific **RoHS** compliance rating. --- ### 3. Electronic Components & Working Principle The MEH12ZAA-R functions using an **Optical Sensing** mechanism: 1. **Light Source:** An internal Infrared LED. 2. **Code Disc:** A rotating disc with transparent and opaque slots that interrupts the light beam. 3. **Photodetector:** A sensor array that captures light pulses and converts them into electrical currents. 4. **Signal Processing:** An internal PCB with a comparator/ASIC that cleans the signals into square waves. ### 4. Typical Wiring Diagram (Standard 5-Wire) Most encoders in this class follow a standard color-coding scheme for their electronic output: ```text Red : VCC (Power Supply +) Black : GND (0V / Common) White : Phase A (Primary Pulse) Green : Phase B (Quadrature Pulse - 90° offset) Yellow: Phase Z (Index/Reference Pulse) ``` --- ### 5. Application Areas * **DC/Servo Motors:** Used for closed-loop feedback to ensure precise positioning. * **Conveyor Systems:** Monitoring the speed of belt movement. * **CNC Machinery:** Tracking the movement of the X, Y, or Z axes.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating RPM for the MEH12ZAA-R?
    • ⤷ Can this encoder be interfaced directly with an Arduino or PLC?
    • ⤷ How do I troubleshoot a missing Phase Z (Index) signal?