công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MEH11ZBX-R

  • AI
    The **MEH11ZBX-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Common Mode Choke** or a **Power Inductor/Filter** module, often used in automotive or high-reliability telecommunications applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The "MEH" series is generally associated with high-current, high-frequency suppression components. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Common Mode Choke / Filter | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Configuration** | Dual winding (4 terminals) | | **Impedance Range** | Usually optimized for high-frequency noise suppression | | **Current Rating** | High (designed for power lines) | | **Compliance** | RoHS Compliant (indicated by the "-R" suffix) | --- ## 2. Key Internal Electronic Parts The MEH11ZBX-R consists of several integrated materials that define its electrical behavior: ### A. Ferrite Core * **Material:** High-permeability MnZn (Manganese-Zinc) or NiZn (Nickel-Zinc) ferrite. * **Function:** Concentrates the magnetic flux to provide high inductance and impedance against electromagnetic interference (EMI). ### B. Copper Windings * **Material:** Enameled copper wire. * **Function:** Two separate coils wound around the core. In common mode chokes, these are wound to cancel out noise that flows in the same direction on both lines. ### C. Terminations (Leads) * **Plating:** Usually Tin (Sn) over Nickel (Ni). * **Function:** Provides the solderable interface for PCB mounting. The "-R" suffix specifically denotes lead-free materials to meet environmental regulations. --- ## 3. Applications and Usage This part is designed to protect sensitive electronics from noise generated by switching power supplies or external interference. 1. **Automotive Electronics:** Used in Infotainment units, ADAS sensors, and ECU power filtering. 2. **DC-DC Converters:** Acts as an input/output filter to smooth out ripple current and prevent EMI from leaking back into the source. 3. **Telecom Power Supplies:** Filters high-speed data lines or power rails in networking hardware. --- ## 4. Typical Circuit Symbol In a schematic, the MEH11ZBX-R would be represented by two parallel inductors with dots indicating the phasing/polarity: ```text Line In 1 (1) o--[ L1 ]--o (2) Line Out 1 ) ( Line In 2 (4) o--[ L2 ]--o (3) Line Out 2 ```
    ✨ Follow-up Questions
    • ⤷ What are the specific impedance values for the MEH11ZBX-R at 100MHz?
    • ⤷ Is the MEH11ZBX-R AEC-Q200 qualified for automotive use?
    • ⤷ What are the physical dimensions (footprint) of this component?