MEH11XBD-R
AI

The **MEH11XBD-R** is a specific model of an **Incremental Rotary Encoder**, typically manufactured by companies like NEMICON. These components are used to convert the angular position or motion of a shaft into analog or digital output signals.
---
## 1. Technical Specifications Table
The "MEH" series follows a specific nomenclature that defines its electronic and physical characteristics.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Incremental | Provides pulses based on motion (not absolute position). |
| **Power Supply** | 5V DC or 12-24V DC | Varies by specific sub-wiring (typically 5V for TTL). |
| **Output Phase** | A, B, Z | 2-phase pulse + Index pulse for zero-point reference. |
| **Resolution** | Pulse Per Revolution (PPR) | Standard values range from 100 to 2048 PPR. |
| **Outer Diameter** | 11mm | Ultra-miniature size for compact electronics. |
| **Mounting** | Hollow Shaft | Designed to slide directly onto a motor or gear shaft. |
---
## 2. Electronic Components & Internal Logic
The MEH11XBD-R consists of several integrated electronic subsystems:
### A. Optical Sensing Assembly
* **LED Emitter:** Infrared light source that shines through a coded disk.
* **Coded Disk:** A miniature transparent disk with opaque lines that break the light beam as it spins.
* **Photo-detector IC:** Receives the light pulses and converts them into low-level electrical currents.
### B. Signal Processing (Schmitt Trigger)
To prevent "chatter" or noise in the signal, the internal circuitry uses a **Schmitt Trigger**. This converts the raw analog sine-waves from the photo-detector into clean, square-wave digital signals.
### C. Output Driver
The "BD" in the model name often refers to the specific output circuit configuration:
* **Voltage Output:** Directly provides voltage pulses.
* **Open Collector:** Requires an external pull-up resistor (common in PLC interfacing).
* **Line Driver (RS422):** Used for long-distance transmission to prevent electromagnetic interference (EMI).
---
## 3. Wiring and Pinout (Standard Configuration)
While you should always consult the specific datasheet for your manufacturing batch, the electronic pinout generally follows this logic:
```yaml
Red: Vcc (Power +)
Black: 0V (Ground)
White: Phase A (Primary Pulse)
Phase: Phase B (90° Offset for direction detection)
Yellow: Phase Z (Index/Home pulse)
Shield: Earth Ground
```
---
## 4. Key Applications
Because of its **11mm miniature form factor**, this encoder is electronically integrated into:
1. **Medical Robotics:** Precise feedback for surgical tools.
2. **Gimbal Systems:** Monitoring the tilt/pan of camera stabilizers.
3. **Small DC Motors:** Providing closed-loop feedback for hobbyist or industrial micro-motors.
- ⤷
What is the exact Pulse Per Revolution (PPR) for your specific MEH11XBD-R unit?
- ⤷ Do you need help choosing between a Line Driver or Open Collector output for your circuit?
- ⤷ How do you interface this encoder with an Arduino or PLC?