ME78XBX-R
AI

The **ME78XBX-R** is an Electromechanical Plug-in Relay manufactured by **Magnecraft (Schneider Electric)**. It is part of the 78 series, designed for general-purpose switching applications in industrial environments.
---
### 1. Key Technical Specifications
The following table highlights the primary electronic and physical characteristics of the ME78XBX-R:
| Feature | Specification |
| :--- | :--- |
| **Contact Configuration** | DPDT (2 Form C) |
| **Contact Rating (Resistive)** | 20 Amps @ 120/240 VAC |
| **Coil Voltage** | 120 VAC (standard for this series) |
| **Mounting Style** | Plug-in (compatible with 70-782D8-1 socket) |
| **Actuator Type** | Standard Mechanical |
| **Contact Material** | Silver Alloy |
| **Features** | Mechanical Flag Indicator / Full Feature Cover |
---
### 2. Functional Components
The relay consists of several critical electronic and mechanical parts:
* **Coil Assembly:** An electromagnetic coil that creates a magnetic field when energized by 120V AC. This field pulls the armature toward the core.
* **DPDT Contacts (Double Pole Double Throw):** This means the relay has two separate circuits (poles) and each circuit can switch between two paths (throw).
* **Flag Indicator:** A mechanical visual aid that shows whether the relay is currently energized or de-energized.
* **Terminals:** Usually blade-style pins designed for high-current transfer without overheating.
---
### 3. Application Use Cases
Because of its high 20A rating, the ME78XBX-R is typically used in the following scenarios:
1. **Motor Control:** Small motors used in HVAC or industrial fans.
2. **Lighting Systems:** Controlling large banks of high-intensity discharge (HID) or LED lighting.
3. **Heater Control:** Switching resistive heating elements in industrial ovens.
4. **Automation Logic:** Acting as an interface between low-power control signals and high-power loads.
---
### 4. Wiring Diagram Representation
The internal logic of a DPDT relay like the ME78XBX-R is represented as follows:
```text
Pole 1 Pole 2
(Common 1) (Common 2)
/ \ / \
NC1 NO1 NC2 NO2
(Normally (Normally
Closed) Open)
```
---
- ⤷What is the difference between DPDT and SPDT relays?
- ⤷ Which socket is recommended for mounting the ME78XBX-R?
- ⤷ What are the advantages of silver alloy contacts in power relays?