công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME78XAG-R

  • AI
    The **ME78XAG-R** is an automotive-grade Electronic Control Unit (ECU) primarily associated with the **Bosch Motronic ME7** family. These modules are specifically engineered for internal combustion engine management, controlling fuel injection, ignition timing, and emissions. --- ### 1. Technical Specifications Overview | Feature | Specification Details | | :--- | :--- | | **Manufacturer** | Bosch (Motronic Series) | | **Microcontroller Architecture** | Infineon C167 / ST10 family (16-bit) | | **Memory Configuration** | Typically 512KB to 1MB Flash (AM29F400/800) | | **EEPROM** | 95040 / 95080 (Stores IMMO, VIN, and adaptations) | | **Communication Protocols** | CAN-Bus (High Speed), K-Line (ISO 9141) | | **Operating Voltage** | 9V - 16V DC | --- ### 2. Key Electronic Components The internal PCB of the ME78XAG-R consists of several specialized integrated circuits (ICs) designed to handle high-current automotive loads: #### A. The Processor (CPU) The heart of the unit is usually an **Infineon C167CS** or a similar **ST10** derivative. It processes sensor inputs (MAF, O2, Crank Position) in real-time to calculate the optimal spark and fuel delivery. #### B. Memory Components * **Flash Memory:** Stores the "Maps" (tuning data). Tuners often desolder or use OBD-II tools to rewrite this chip for performance gains. * **EEPROM:** A small 8-pin chip that holds security data. If this chip is damaged, the vehicle will not start due to Immobilizer (IMMO) lock. #### C. Power Management & Drivers * **Bosch Proprietary ASICs:** High-density chips (often labeled with Bosch internal numbers like *30343* or *40048*) act as drivers for fuel injectors and ignition coils. * **Voltage Regulator:** Converts battery voltage to a stable 5V for the internal logic and 3.3V for the processor. --- ### 3. Functional Modules 1. **Analog-to-Digital Converters (ADC):** Translates variable voltage from sensors (like the Throttle Position Sensor) into digital data the CPU can understand. 2. **PWM Controllers:** Uses Pulse Width Modulation to control the Electronic Throttle Body (Drive-by-Wire) and EGR valves. 3. **Output Stages:** Robust transistors designed to withstand back-EMF from inductive loads like solenoids. --- ### 4. Common Failure Points * **Thermal Cycling:** Solder joints near the driver ICs can crack over time due to engine bay heat. * **Voltage Spikes:** Jump-starting a car incorrectly can blow the input protection diodes or the main voltage regulator. * **Water Ingress:** If the ECU housing seal fails, corrosion on the PCB traces leads to communication errors (CAN-Bus timeout).
    ✨ Follow-up Questions
    • ⤷ How do I read the Flash memory of an ME78XAG-R for tuning?
    • ⤷ What are the pinout diagrams for power and K-Line communication on this ECU?
    • ⤷ Can the Immobilizer be bypassed on this specific Bosch module?