công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME76XAX-R

  • AI
    The **ME76XAX-R** is an Electromechanical Power Relay manufactured by **Magnecraft** (now part of **Schneider Electric**). It belongs to the **76 Series** and is specifically designed for high-current switching in industrial and commercial environments. --- ### 1. Component Overview The ME76XAX-R is a power relay used to bridge the gap between low-power control signals (from a PLC or switch) and high-power loads (like motors or heaters). | Feature | Specification | | :--- | :--- | | **Relay Type** | Electromechanical Power Relay | | **Contact Configuration** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Contact Rating** | 30A @ 300VAC / 28VDC | | **Mounting Style** | Panel Mount / Flange Mount | | **Termination** | Screw Terminals | | **Housing** | Clear Plastic Cover (Dust Protected) | --- ### 2. Internal Electronic Parts & Operation The device consists of three main sub-assemblies that work together to perform the switching action: #### A. The Coil (Input Side) The "heart" of the relay is an electromagnetic coil. When voltage is applied to the input terminals, the coil generates a magnetic field. * **Action:** Pulls the internal armature toward the core. * **Protection:** In DC circuits, a flyback diode is often added externally to protect the driving electronics from voltage spikes. #### B. The Armature and Linkage This is the mechanical moving part. It is physically pulled by the coil's magnetism. * **Function:** Translates electromagnetic force into physical movement to close the electrical gap between contacts. #### C. Power Contacts (Output Side) Because the ME76XAX-R is rated for **30 Amps**, the contacts are made of specialized alloys (typically Silver Cadmium Oxide or similar) to withstand electrical arcing. * **Normally Open (NO):** The circuit remains open until the coil is energized. * **High Current Handling:** The contacts are oversized to dissipate heat and prevent "welding" during high-load switching. --- ### 3. Key Technical Advantages * **High Dielectric Strength:** Designed to prevent electricity from "jumping" between the control coil and the high-voltage load. * **Durability:** Built for millions of mechanical cycles. * **Ease of Maintenance:** The clear cover allows for visual inspection of the contacts to check for carbon buildup or pitting. --- ### 4. Typical Applications * **HVAC Systems:** Controlling compressors and fan motors. * **Industrial Automation:** Actuating heavy solenoids or heaters. * **Lighting Control:** Managing large banks of high-intensity discharge (HID) lamps.
    ✨ Follow-up Questions
    • ⤷ What are the specific coil voltage options available for the ME76 series?
    • ⤷ How does an SPST-NO configuration differ from an SPDT configuration in these relays?
    • ⤷ What are the safety precautions when wiring 30A screw terminals?