AI

The **ME73ZAG-R** is a specific model of an **Earth Leakage Circuit Breaker (ELCB)**, specifically an Earth Leakage Relay or specialized MCCB (Molded Case Circuit Breaker) manufactured by companies like **Mitsubishi Electric**.
Below is a breakdown of its electronic and mechanical components, technical specifications, and functions.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | Earth Leakage Circuit Breaker (ELCB) / NV Series |
| **Number of Poles** | 3 Poles (3P) |
| **Rated Current (In)** | 75A (typically adjustable or fixed depending on sub-variant) |
| **Rated Voltage (Vn)** | AC 100V - 440V |
| **Leakage Sensitivity** | Adjustable (e.g., 30mA, 100mA, 500mA) |
| **Breaking Capacity** | High-performance (indicated by the "ZAG" series designation) |
---
### 2. Internal Electronic Parts and Functionality
The ME73ZAG-R utilizes a combination of mechanical power components and electronic sensing circuitry to protect against electrical faults.
#### A. Zero-phase Current Transformer (ZCT)
This is the "heart" of the electronic monitoring. All phase wires pass through this ring-shaped transformer.
* **Function:** It detects the vector sum of the currents. Under normal conditions, the sum is zero. If a leak occurs (ground fault), the sum is non-zero, and the ZCT sends a tiny signal to the electronic board.
#### B. Electronic Sensing Board (PCB)
Unlike standard thermal breakers, this unit contains a Printed Circuit Board (PCB) populated with:
* **Operational Amplifiers (Op-Amps):** To amplify the weak signal from the ZCT.
* **Time-Delay Circuitry:** To prevent "nuisance tripping" caused by transient surges or lightning.
* **Trip Comparator:** A logic gate that compares the detected leakage current against the pre-set threshold (e.g., 30mA).
#### C. Magnetic Trip Solenoid
When the electronic board determines a fault has occurred, it sends a pulse to this solenoid.
* **Function:** The solenoid converts the electrical signal into mechanical movement, striking the latch mechanism to open the contacts instantly.
#### D. Test Button Mechanism
A manual electronic bypass circuit.
* **Function:** When pressed, it simulates a leakage current through a resistor to verify that the ZCT, the PCB, and the Trip Solenoid are all functioning correctly.
---
### 3. Application Areas
The "ZAG-R" series is often used in industrial environments where high reliability and protection against insulation failure are required:
1. **Industrial Machinery:** Protection of motors and heavy equipment.
2. **Power Distribution Boards:** Acting as a main or sub-main breaker in sensitive environments.
3. **Moist Environments:** Essential in areas where water exposure increases the risk of ground faults.
---
### 4. Wiring Diagram Representation
```mermaid
graph LR
Line_In --> ZCT[Zero-phase Current Transformer]
ZCT --> PCB[Electronic Processing Board]
PCB --> Solenoid[Trip Actuator]
Solenoid --> Contacts[Mechanical Contacts]
Contacts --> Load_Out
```
- ⤷
What are the specific trip time settings for the ME73ZAG-R?
- ⤷ How do I troubleshoot a 'nuisance trip' on this specific breaker model?
- ⤷ What is the difference between the ZAG and the standard AG series?