công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME72XAD-R

  • AI
    The **ME72XAD-R** is a specialized high-performance AC Servo Driver (often associated with industrial automation brands like Mitsubishi or similar precision control manufacturers). It is designed to drive brushless synchronous motors with high precision. --- ### 1. Key Electronic Components & Subsystems The internal architecture of the ME72XAD-R consists of several critical electronic sections that manage power conversion and logic control. | Component Group | Description | Function | | :--- | :--- | :--- | | **Power Stage (IPM)** | Intelligent Power Modules (IGBTs) | Converts DC bus voltage into 3-phase AC (PWM) to drive the motor. | | **Rectifier Bridge** | Diode or Thyristor bridge | Converts incoming AC mains power into DC voltage for the internal bus. | | **Control Logic (DSP)** | Digital Signal Processor | The "brain" that calculates PID loops, trajectory, and encoder feedback. | | **Capacitor Bank** | High-voltage electrolytic capacitors | Smooths DC ripples and stores energy for peak torque demands. | | **Gate Drivers** | Isolated driver circuits | Provides the necessary current to switch the high-power IGBTs based on DSP logic. | --- ### 2. Technical Specifications Below are the typical electronic ratings found in this class of servo driver: * **Input Voltage:** Usually 3-phase 200V - 230V AC (50/60Hz). * **Control Method:** Sinusoidal PWM (Pulse Width Modulation) with space vector control. * **Feedback Interface:** Supports high-resolution absolute or incremental encoders. * **I/O Signals:** Digital inputs for limits (Limit+, Limit-), Home sensor, and Emergency Stop (E-Stop). --- ### 3. Interface and Connectivity The ME72XAD-R utilizes specific electronic interfaces to communicate with a PLC or Motion Controller: 1. **Encoder Port:** High-speed differential signaling to receive motor position data. 2. **Communication Port:** Often utilizes RS-422, RS-485, or a proprietary bus (like SSCNET) for real-time command execution. 3. **Regenerative Resistor Terminals:** Allows for the connection of an external resistor to dissipate heat generated during motor braking (Back-EMF). --- ### 4. Safety and Protection Circuits To protect the sensitive electronics, the driver includes: * **Overcurrent Protection:** Shuts down the IPM if a short circuit is detected. * **Overvoltage Protection:** Monitors the DC bus to prevent capacitor failure during rapid deceleration. * **Thermal Sensors:** Monitors the temperature of the power module and triggers an alarm (Al. 30 or similar) if it exceeds safety limits.
    ✨ Follow-up Questions
    • ⤷ What are the common alarm codes for the ME72XAD-R series?
    • ⤷ How do you wire the regenerative resistor to this specific driver?
    • ⤷ What software is used to parameterize the ME72XAD-R?