công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME71ZAG-R

  • AI
    The **ME71ZAG-R** is an advanced electronic control module, typically categorized as a **V2X (Vehicle-to-Everything) Communication Module**. It is designed to enable high-speed wireless communication between vehicles and infrastructure, using cellular technology (C-V2X). Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Communication Standard** | 3GPP Release 14/15 (C-V2X) | | **Frequency Bands** | 5.9 GHz (ITS Band) | | **Interface Types** | USB 3.0, PCIe, UART, SPI, I2C, GPIO | | **Voltage Supply** | 3.3V to 4.5V (Typical 3.8V) | | **Operating Temp** | -40°C to +85°C (Automotive Grade) | | **GNSS Support** | GPS, GLONASS, BeiDou, Galileo, QZSS | --- ### 2. Internal Electronic Architecture The module consists of several critical sub-systems that handle radio frequency (RF) processing, baseband management, and security. #### A. The Processor & Baseband (SoC) At the heart of the module is usually a high-performance **Qualcomm Snapdragon 2150** or similar automotive-grade chipset. - **Application Processor:** Manages the V2X stack and software applications. - **Modem/Baseband:** Encodes and decodes the cellular signals for PC5 (Direct Link) communication. #### B. RF Front-End (RFFE) This section handles the physical transmission of radio waves: - **Power Amplifiers (PA):** Boosts the signal for long-range communication. - **Low Noise Amplifiers (LNA):** Enhances weak incoming signals from other vehicles or roadside units (RSUs). - **Filters/Duplexers:** Prevents interference between the 5.9 GHz band and other wireless signals (like Wi-Fi or LTE). #### C. Hardware Security Module (HSM) V2X communication requires high levels of trust. The ME71ZAG-R integrates a dedicated security chip or a secure execution environment to: - Perform **ECDSA signing** (Digital signatures for messages). - Handle certificate management. - Prevent spoofing or unauthorized access to the vehicle's CAN bus. --- ### 3. Connection Interface Pinout The module is typically designed as an **LGA (Land Grid Array)** package, which allows for robust soldering onto a PCB. Key interface pins include: 1. **Antenna Pins:** Dedicated ports for V2X Main, V2X Diversity, and GNSS (Satellite). 2. **Power Management:** VDD_BB and VDD_RF pins for stable power distribution. 3. **Data Bus:** High-speed **PCIe** or **USB 3.0** for communicating with the Telematics Control Unit (TCU). 4. **Audio/Analog:** Sometimes includes I2S for emergency calling or alert sounds. --- ### 4. Application Areas - **V2V (Vehicle-to-Vehicle):** Collision avoidance, emergency brake warnings. - **V2I (Vehicle-to-Infrastructure):** Traffic light synchronization, toll collection. - **V2P (Vehicle-to-Pedestrian):** Safety alerts for vulnerable road users.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the ME71ZAG-R in peak transmission mode?
    • ⤷ How does the HSM in this module handle V2X certificate updates?
    • ⤷ Which specific antennas are recommended for the 5.9 GHz ITS band interface?