AI

The **ME71XBG-R** is an electronic component primarily classified as a **Power Inductor**, specifically designed for automotive and high-reliability industrial applications. It is part of the metal composite core series, known for its high efficiency and stability under harsh conditions.
---
### 1. Technical Specifications
The following table outlines the key electrical and physical characteristics of the ME71XBG-R:
| Parameter | Value / Range |
| :--- | :--- |
| **Component Type** | Metal Composite Power Inductor |
| **Inductance** | Typically 0.1µH to 10µH (depends on sub-series) |
| **DC Resistance (DCR)** | Ultra-low (mΩ range) |
| **Operating Temperature** | -40°C to +150°C |
| **Construction** | Shielded, Metal Powder Core |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Compliance** | AEC-Q200 (Automotive Grade) |
---
### 2. Key Electronic Features
* **Metal Composite Core:** Unlike traditional ferrite inductors, the metal composite structure offers a "soft saturation" characteristic. This means the inductance drops gradually as current increases, rather than dropping sharply, providing better stability during power surges.
* **Magnetic Shielding:** The part is naturally shielded by its construction, which minimizes Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **High Thermal Stability:** Designed to operate in high-temperature environments (up to 150°C), making it suitable for engine compartments or high-power LED drivers.
* **Low DCR:** The low direct current resistance reduces power loss in the form of heat, significantly increasing the overall efficiency of the power converter.
---
### 3. Common Applications
The ME71XBG-R is typically found in DC-DC conversion circuits where space is limited and reliability is critical:
1. **Automotive Systems:** ADAS (Advanced Driver Assistance Systems), infotainment, and ECU power supplies.
2. **Industrial Computing:** High-current point-of-load (POL) converters.
3. **Consumer Electronics:** Power management modules for high-performance laptops and tablets.
---
### 4. Comparison: Ferrite vs. Metal Composite (ME71XBG-R)
| Feature | Ferrite Inductor | ME71XBG-R (Metal Composite) |
| :--- | :--- | :--- |
| **Saturation** | Hard / Sudden | Soft / Gradual |
| **Acoustic Noise** | High (Magnetostriction) | Very Low |
| **Size** | Larger for same current | Compact |
| **EMI Shielding** | Variable | Excellent |
---
- ⤷What is the specific inductance value for the 'R' variant of the ME71XBG?
- ⤷ How does 'soft saturation' improve circuit safety in automotive electronics?
- ⤷ Which manufacturers produce equivalents to the ME71XBG series?