công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME71XAX-R

  • AI
    The **ME71XAX-R** is an **Electro-Mechanical Power Relay** manufactured by **CIT Relay & Switch**. It is a robust, heavy-duty relay designed for high-current applications, commonly found in HVAC systems, industrial controls, and automotive power management. --- ### 1. Technical Specifications The following table summarizes the primary electrical and physical characteristics of the ME71XAX-R: | Parameter | Specification | | :--- | :--- | | **Contact Form** | SPST-NO (1 Form A) | | **Contact Rating** | 50A @ 240VAC / 30VDC | | **Coil Voltage (Nominal)** | 12VDC (Commonly specified by "X" in part number) | | **Max Switching Power** | 12,000 VA / 1,500 W | | **Contact Material** | AgSnO₂ (Silver Tin Oxide) | | **Dielectric Strength** | 4,000Vrms (Coil to Contact) | | **Mounting Type** | PCB Mount / Flange Mount (depending on suffix) | --- ### 2. Breakdown of the Part Number The part number follows a specific nomenclature provided by CIT Relay: * **ME71**: The series designation (Heavy-duty power relay). * **X**: Placeholder for Coil Voltage (e.g., 12VDC or 24VDC). * **A**: Contact Arrangement (A = SPST-NO). * **X**: Contact Material/Mounting variation. * **-R**: RoHS Compliant. --- ### 3. Key Electronic Components & Internal Design The ME71XAX-R consists of several critical internal elements that allow it to function as a remote switch: #### A. The Electromagnetic Coil When a low-power control signal (typically 12V or 24V) is applied to the coil, it creates a magnetic field. This field pulls an internal armature toward the core. #### B. AgSnO₂ Contacts Silver Tin Oxide is used for the contacts because of its high resistance to "welding" and material transfer. This is vital for high-current applications (50A) where sparking (arcing) occurs during switching. #### C. Insulation System The device features high dielectric strength to ensure that the high-voltage load side is electrically isolated from the low-voltage control side, protecting the logic circuitry (like a microcontroller or PLC). --- ### 4. Typical Applications * **HVAC Units:** Controlling compressors and blower motors. * **Industrial Automation:** Switching heavy heaters or motors. * **Power Supplies:** Main power disconnects or battery management. * **Electric Vehicle (EV) Chargers:** Switching high-current AC lines. ---
    ✨ Follow-up Questions
    • ⤷What is the typical lifespan (mechanical vs electrical) for the ME71 series?
    • ⤷ How does AgSnO2 compare to Silver Nickel contacts in power relays?
    • ⤷ Are there equivalent drop-in replacements from other manufacturers like Omron or Panasonic?