ME68XBX-R
AI

The **ME68XBX-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator** or a specialized **Ceramic Resonator/Filter**, often associated with brands like Murata or specialized timing component manufacturers.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
The "ME" series generally refers to miniature, high-precision timing components. Here are the typical parameters for this part:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Crystal Oscillator / Resonator |
| **Package Type** | SMD (Surface Mount Device) |
| **Frequency Range** | Typically MHZ range (Specific to the "68" designation) |
| **Frequency Tolerance** | ±20ppm to ±50ppm (standard) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Load Capacitance** | Generally 8pF to 12pF |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Physical Construction
The part is designed for high-density PCB layouts where space is a premium.
* **Housing:** Ceramic base with a metal seam-welded lid to ensure a vacuum-sealed environment for the quartz crystal.
* **Terminals:** Gold-plated or Tin-plated pads on the bottom for reflow soldering.
* **Size:** Usually follows standard footprints like 3.2 x 2.5 mm or 2.5 x 2.0 mm.
---
### 3. Circuit Application
In an electronic circuit, the ME68XBX-R serves as the "heartbeat" for microcontrollers and digital ICs.
#### Key Functions:
1. **Clock Generation:** Provides a stable frequency for CPU timing.
2. **Frequency Reference:** Used in RF (Radio Frequency) circuits for stable signal transmission and reception.
3. **Baud Rate Stability:** Ensures accurate timing for UART/USB communication.
#### Typical Wiring Diagram Concept:
```circuit
[Microcontroller]
/ \
[XTAL_IN] [XTAL_OUT]
| |
+----[ME68XBX-R]---+
| |
[C1] [C2]
| |
[GND] [GND]
```
*(Note: Some ME series parts have internal load capacitors, eliminating the need for C1 and C2.)*
---
### 4. Part Number Breakdown (General Convention)
While manufacturers vary, the suffix usually denotes specific environmental or packaging ratings:
* **ME:** Series designation (Miniature Electronic).
* **68:** Frequency code or physical dimension code.
* **XBX:** Internal stability and temperature coefficient codes.
* **-R:** Indicates "Tape and Reel" packaging for automated pick-and-place assembly.
---
- ⤷What is the exact frequency of the ME68XBX-R in MHz?
- ⤷ Which manufacturers produce the ME68XBX-R series?
- ⤷ What are the recommended load capacitor values for this specific part?