ME64ZAG-R
AI

The **ME64ZAG-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor Network** (or array), typically manufactured by **Susumu**. These components are designed for high-precision circuits where stability and tight tolerances are critical.
---
## 1. Technical Specifications
The following table outlines the general electronic characteristics of the ME64ZAG-R series:
| Parameter | Typical Value / Specification |
| :--- | :--- |
| **Component Type** | Thin Film Chip Resistor Network |
| **Configuration** | 4-Resistor Array (typically) |
| **Resistance Tolerance** | ±0.1% (High Precision) |
| **TCR (Temperature Coefficient)** | ±25 ppm/°C (Highly Stable) |
| **Operating Temperature** | -55°C to +125°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Substrate Material** | Alumina Ceramic |
---
## 2. Key Electronic Features
* **Thin Film Technology:** Unlike standard thick film resistors, thin film provides significantly lower noise and better long-term stability.
* **Matching Accuracy:** Because the resistors are integrated onto a single substrate, they track each other’s temperature changes almost perfectly. This makes them ideal for voltage dividers.
* **Sulfur Resistance:** The "ZAG" designation often implies high reliability and resistance to environmental pollutants like sulfur, which can cause corrosion in standard resistors.
* **Compact Integration:** By combining multiple resistors into one package, it saves PCB real estate and reduces the component count for pick-and-place machines.
---
## 3. Common Applications
Due to its high precision, the ME64ZAG-R is found in:
1. **Instrumentation:** Signal conditioning and measurement tools.
2. **Medical Equipment:** Devices requiring stable voltage references.
3. **Automotive Electronics:** Sensors and control units that operate in harsh environments.
4. **Communication Base Stations:** High-frequency signal processing circuits.
---
## 4. Part Number Breakdown (Typical)
While internal codes vary by manufacturer, the prefix generally indicates:
* **ME:** Series name (Susumu Precision Array).
* **64:** Physical dimensions/case size.
* **ZAG:** Material composition and tolerance grade (High stability).
* **R:** Packaging code (usually Tape and Reel).
---
- ⤷
What is the physical package size for the ME64ZAG-R?
- ⤷ How does a thin film resistor network compare to a thick film network in terms of noise?
- ⤷ Can this component be used in high-frequency RF applications?