công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME63XBG-R

  • AI
    The **ME63XBG-R** is a specific electronic component typically categorized as a **Rotary Encoder** or a **Potentiometer-style control** often used in automotive systems, consumer electronics, and industrial interfaces. Below is a detailed breakdown of its specifications, construction, and functionality. --- ## 1. Technical Overview The ME63XBG-R is designed to convert mechanical rotation into electrical signals. It is frequently identified with manufacturers like **Noble** or similar Japanese components manufacturers. | Feature | Specification | | :--- | :--- | | **Component Type** | Incremental Rotary Encoder | | **Pulse/Detent Count** | Typically 12-24 Pulses/Revolution | | **Mounting Type** | Through-hole (PCB Mount) | | **Shaft Style** | D-shape or Knurled (usually metal or high-grade resin) | | **Switch Function** | Integrated Momentary Push-Switch (Optional in R-series) | | **Operating Voltage** | 5V DC (Typical for Logic circuits) | --- ## 2. Pin Configuration and Internal Logic Most versions of the ME63XBG-R utilize a 3-pin or 5-pin layout depending on whether the integrated push-button is present. ### Terminal Layout 1. **Terminal A (Phase A):** Output signal for rotation tracking. 2. **Terminal C (Common):** Ground / Common connection. 3. **Terminal B (Phase B):** Output signal (offset by 90°) to determine direction. 4. **Switch Terminals (if 5-pin):** Two pins for the "Push-to-Select" functionality. ### Quadrature Output Logic The encoder uses **Quadrature Encoding**. By comparing the phase shift between Terminal A and Terminal B, the microcontroller determines: * **Clockwise (CW):** Phase A leads Phase B. * **Counter-Clockwise (CCW):** Phase B leads Phase A. --- ## 3. Key Characteristics * **Tactile Feedback:** The "B" in the part number often indicates a specific **detent** (click) feel, providing the user with physical confirmation of adjustment. * **Durability:** These parts are rated for high rotational life (often 30,000 to 100,000 cycles). * **Compact Form Factor:** Designed for tight spaces in dashboard panels or audio equipment. --- ## 4. Common Applications Due to its reliability, the ME63XBG-R is found in: * **Automotive:** Volume knobs, HVAC temperature controls, and menu navigation. * **Audio Equipment:** Digital mixing consoles and amplifiers. * **Home Appliances:** Microwave timers or washing machine cycle selectors. ---
    ✨ Follow-up Questions
    • ⤷ How do I wire the ME63XBG-R to an Arduino or ESP32?
    • ⤷ What is the difference between an incremental and an absolute encoder?
    • ⤷ Where can I find the official datasheet for the ME63 series?