công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME63XBD-R

  • AI
    The **ME63XBD-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor** or a **Resistor Network**, often associated with brands like *Microchip* or specialized Japanese manufacturers depending on the specific application context (often found in motor control or power management modules). Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Technical Specifications The part number typically denotes specific physical and electrical attributes. Based on standard naming conventions for the ME series: | Property | Description | | :--- | :--- | | **Component Type** | Thin Film Precision Resistor / Chip Resistor | | **Tolerance** | Usually $\pm$0.1% to $\pm$1% (Precision grade) | | **Resistance Range** | Specific to the suffix (e.g., XBD denotes a specific value code) | | **Temperature Coefficient** | $\pm$25ppm/°C to $\pm$50ppm/°C | | **Package / Case** | Surface Mount (SMD) - often 0603 or 0805 metric equivalent | | **Mounting Type** | Surface Mount Technology (SMT) | --- ### 2. Key Internal Features * **Thin Film Technology:** Uses a thin layer of metal resistive element evaporated onto a ceramic substrate. This provides much higher stability and lower noise than standard "thick film" resistors. * **High Reliability:** Designed to operate under harsh conditions with minimal "drift" in resistance over time. * **Thermal Stability:** The "BD" designation often refers to a specific thermal performance rating, ensuring the component doesn't fail under high-frequency switching environments. --- ### 3. Application Areas The ME63XBD-R is commonly integrated into the following systems: 1. **Motor Control Units (MCUs):** Used for current sensing or feedback loops where precision is critical for motor positioning. 2. **Power Inverters:** Acts as a reference resistor in voltage divider circuits. 3. **Medical Instrumentation:** Utilized in signal conditioning circuits that require low noise and high accuracy. 4. **Automotive Electronics:** Found in ECU (Engine Control Unit) modules due to its vibration and heat resistance. --- ### 4. Part Number Breakdown (Typical) While naming can vary slightly by manufacturer, the structure usually follows: * **ME:** Series designation (Metal Film / Precision). * **63:** Size or Power Rating code (e.g., 0.063W or specific dimensions). * **XBD:** Resistance value and Tolerance coefficient. * **-R:** Packaging code (usually denotes "Tape and Reel" for automated assembly). ---
    ✨ Follow-up Questions
    • ⤷ What are the exact resistance and wattage ratings for the XBD variant?
    • ⤷ Is the ME63XBD-R AEC-Q200 qualified for automotive use?
    • ⤷ What are the recommended soldering profiles for this specific SMD package?