công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME58XAA-R

  • AI
    Based on the technical nomenclature, the **ME58XAA-R** typically refers to a high-capacity, enterprise-grade Solid State Drive (SSD), specifically within the **Samsung PM1643a** or similar SAS (Serial Attached SCSI) families often rebranded by vendors like HPE or Dell. Below is a breakdown of the electronic components and technical specifications associated with this part. --- ## 1. Core Technical Specifications The ME58XAA-R is designed for data center environments requiring high endurance and reliability. | Feature | Specification | | :--- | :--- | | **Interface** | SAS 12Gb/s (Dual Port) | | **Capacity** | 3.84 TB (Typical for this series) | | **Form Factor** | 2.5-inch (SFF) | | **NAND Type** | V-NAND (3D NAND) TLC | | **Encryption** | AES 256-bit Hardware Encryption | --- ## 2. Key Electronic Components ### A. The Controller (The Brain) The drive utilizes a specialized **SAS Controller** (often the Samsung Rhino or Samsung Mercury controller). * **Function:** Manages data traffic between the SAS interface and the NAND flash. * **Error Correction:** Uses advanced ECC (Error Correction Code) engines to handle bit-flip errors common in high-density NAND. ### B. V-NAND Flash Memory * **Architecture:** It uses vertically stacked cell layers (V-NAND). This allows for higher density and lower power consumption compared to traditional planar NAND. * **Endurance:** Designed for Enterprise-grade DWPD (Drive Writes Per Day), typically rated for 1 DWPD over 5 years. ### C. DRAM Cache * **Component:** LPDDR4 or DDR4 SDRAM chips. * **Role:** Acts as a high-speed buffer for mapping tables and frequently accessed data to reduce latency and improve IOPS (Input/Output Operations Per Second). ### D. Power Loss Protection (PLP) This is a critical electronic circuit found in the ME58XAA-R. * **Tantalum Capacitors:** The PCB (Printed Circuit Board) contains a bank of capacitors that store enough energy to flush the data currently in the volatile DRAM cache to the non-volatile NAND in the event of a sudden power failure. --- ## 3. Performance Metrics | Metric | Estimated Value | | :--- | :--- | | **Sequential Read** | Up to 2,100 MB/s | | **Sequential Write** | Up to 1,800 MB/s | | **Random Read (4KB)** | Up to 400,000 IOPS | | **Random Write (4KB)** | Up to 70,000 IOPS | --- ## 4. Hardware Safety Features 1. **Thermal Throttling:** Internal sensors monitor temperature. If the drive exceeds 70°C, the controller electronically reduces clock speeds to prevent physical damage. 2. **End-to-End Data Protection:** The drive adds parity bits to every block of data as it moves from the host to the NAND, ensuring data integrity across the entire electronic path.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this SAS drive and a standard SATA SSD?
    • ⤷ Does this model support TCG Opal encryption standards?
    • ⤷ What is the specific MTBF (Mean Time Between Failures) for this component?