công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME53ZBG-R

  • AI
    The **ME53ZBG-R** is a specific model number typically associated with a **Solid State Relay (SSR)**, often manufactured by companies like **Cosmo Electronics**. These components are used to switch AC or DC loads using electronic circuits rather than mechanical contacts. --- ### ## Technical Specifications Based on standard industry specifications for the ME53 series, here is a breakdown of its characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Type** | DC Control | Operates via low-voltage DC signals. | | **Output Type** | AC / Triac | Designed to switch Alternating Current loads. | | **Load Current** | 3A - 5A | Maximum current the relay can handle (check datasheet for specifics). | | **Isolation** | Photo-Coupled | Uses light to isolate input from output (Optical Isolation). | | **Package** | SIP / Through-hole | Single In-line Package for PCB mounting. | --- ### ### Key Internal Components The ME53ZBG-R functions through three primary stages: 1. **Input (LED Side):** An internal Infrared LED that lights up when a control voltage (usually 3-32V DC) is applied. 2. **Isolation Barrier:** A clear dielectric material that allows light to pass but blocks high-voltage electricity, protecting the control circuit. 3. **Output (Power Side):** A **Triac** or pair of SCRs that become conductive when hit by the internal light, allowing current to flow to the load. --- ### ### Features and Usage * **Zero-Cross Switching:** The "Z" in the part number often indicates **Zero-Cross** functionality. The relay waits for the AC sine wave to hit 0V before switching on, which minimizes electromagnetic interference (EMI) and electrical noise. * **High Reliability:** Because there are no moving parts (unlike mechanical relays), it does not suffer from contact arcing, pitting, or mechanical wear. * **Applications:** * Industrial heaters and temperature controllers. * Solenoid valve control. * Office automation (copiers, printers). * Lighting control systems. --- ### ### Connection Diagram Logic ```markdown [ Control Input ] ----> ( Internal LED ) ~~~ [ Light ] ~~~ ( Triac/SCR ) ----> [ AC Load ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum control voltage range for the ME53ZBG-R?
    • ⤷ How does zero-cross switching differ from random-on switching in this model?
    • ⤷ What are the heat dissipation requirements for this SSR at maximum load?