công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME52XAG-R

  • AI
    The **ME52XAG-R** is an N-Channel enhancement mode Power MOSFET, typically housed in a compact SOT-23 package. It is designed for low-voltage, high-current switching applications where space is a constraint. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ME52XAG-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Gate-Source Voltage** | $V_{GSS}$ | $\pm$20V | | **Continuous Drain Current** | $I_D$ | ~3.0A to 4.0A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | ~50m$\Omega$ @ $V_{GS}=10V$ | | **Threshold Voltage** | $V_{GS(th)}$ | 1.0V to 2.5V | | **Package Type** | Package | SOT-23 | --- ### 2. Core Functional Features * **High Density Cell Design:** Utilizes advanced trench technology to achieve extremely low $R_{DS(ON)}$, which reduces power loss during operation. * **Logic Level Compatibility:** The low gate threshold voltage ($V_{GS(th)}$) allows the MOSFET to be driven directly by microcontrollers (3.3V or 5V logic). * **Fast Switching:** Optimized for high-speed switching applications, reducing switching losses. * **Subminiature Surface Mount:** The SOT-23 form factor is ideal for portable electronics and high-density PCB layouts. --- ### 3. Pin Configuration (SOT-23) The standard pinout for this N-Channel MOSFET in a SOT-23 package is: 1. **Gate (G):** Controls the biasing of the MOSFET. 2. **Source (S):** Connected to the lower potential (usually Ground in low-side switching). 3. **Drain (D):** Connected to the load. --- ### 4. Common Applications * **Power Management:** Used in DC-DC converters and load switches. * **Battery Protection:** Ideal for Li-ion battery charging circuits due to low heat dissipation. * **Signal Switching:** Small signal switching in consumer electronics. * **LED Drivers:** Controlling small LED arrays or backlighting. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power dissipation for the ME52XAG-R in a standard SOT-23 package?
    • ⤷ Can this MOSFET be used for high-side switching in a 12V system?
    • ⤷ What are the recommended heat sinking strategies for this component?