công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME51ZAX-R

  • AI
    The **ME51ZAX-R** is a specific electronic module, typically identified as a **high-efficiency AC/DC power supply module** or an embedded converter, often used in telecommunications, industrial networking, and server infrastructure. Below is a breakdown of its technical characteristics and internal components. --- ## 1. Technical Specifications The ME51ZAX-R is designed to convert high-voltage input into stable DC power for sensitive electronic components. | Feature | Description | | :--- | :--- | | **Device Type** | Isolated DC/DC or AC/DC Power Module | | **Input Voltage** | Typically wide range (e.g., 90V – 264V AC or high-range DC) | | **Output Voltage** | Usually regulated 12V or 54V DC (Model dependent) | | **Efficiency** | Often rated at 90% or higher (Platinum/Gold equivalent) | | **Cooling** | Passive (Heatsink) or Active (Integrated Fan support) | --- ## 2. Key Internal Electronic Components The "parts" inside this module consist of high-density power electronics designed for thermal stability: ### A. Power MOSFETs / IGBTs * **Function:** Act as high-speed switches to chop the input current into high-frequency pulses. * **Material:** Often uses Gallium Nitride (GaN) or Silicon Carbide (SiC) in modern versions to reduce heat and increase switching speed. ### B. Magnetic Components * **Planar Transformer:** Instead of a bulky wire-wound transformer, it uses a PCB-based planar transformer to maintain a slim profile and high power density. * **Inductors:** Used for filtering and energy storage in the output stage. ### C. Control Circuitry (PWM ICs) * **Microcontroller/DSP:** Manages the Pulse Width Modulation (PWM) to keep the output voltage steady regardless of load changes. * **Protection Circuits:** Includes Over-Voltage Protection (OVP), Over-Current Protection (OCP), and Over-Temperature Protection (OTP). ### D. Input/Output Filtering * **Electrolytic Capacitors:** Low ESR (Equivalent Series Resistance) capacitors to smooth out ripples. * **EMI Filter:** Inductors and X/Y capacitors to prevent electromagnetic interference from leaking back into the grid. --- ## 3. Physical Interface and Form Factor The "R" suffix in the part number often denotes **RoHS compliance** or a specific **Reverse Airflow** configuration. 1. **Gold Finger Connector:** The module typically slides into a backplane via a series of copper pads (gold fingers). 2. **Status LEDs:** Usually includes a dual-color LED (Green/Amber) to indicate "Power Good" or "Fault" states. 3. **I2C/PMBus Interface:** Allows the host system to monitor voltage, current, and temperature in real-time. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the ME51ZAX-R?
    • ⤷ Is the ME51ZAX-R compatible with standard PMBus protocols?
    • ⤷ Does the 'R' suffix indicate a specific airflow direction?