ME23ZAG-R
AI

The **ME23ZAG-R** is an N-Channel enhancement mode Field Effect Transistor (MOSFET) typically used for power management and switching applications. It is known for its compact SOT-23 package and efficiency in low-voltage circuits.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the ME23ZAG-R:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 20V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±12V |
| **Continuous Drain Current** | $I_D$ | 3.0A - 4.0A (approx) |
| **Drain-Source On-Resistance** | $R_{DS(ON)}$ | ~30mΩ @ $V_{GS}=4.5V$ |
| **Total Gate Charge** | $Q_g$ | ~4.5nC |
| **Package Type** | SOT-23 | Surface Mount (SMD) |
---
### 2. Physical and Functional Features
* **Trench Technology:** It utilizes high-density cell design to achieve extremely low $R_{DS(ON)}$, which minimizes power loss during conduction.
* **Logic Level Drive:** The device can be fully "turned on" with low gate voltages (typically 2.5V or 4.5V), making it compatible with microcontrollers and low-voltage logic gates.
* **High Speed:** It features fast switching speeds, which is essential for PWM (Pulse Width Modulation) applications.
---
### 3. Common Applications
The ME23ZAG-R is versatile and widely used in portable electronic devices:
1. **Load Switches:** Acting as a gatekeeper to turn power on/off for specific sub-systems.
2. **DC-DC Converters:** Used in buck or boost converters for voltage regulation.
3. **Battery Management:** Protects lithium-ion batteries from over-discharge or regulates charging paths.
4. **Motor Drivers:** Controlling small DC motors in consumer robotics or drones.
---
### 4. Circuit Implementation Example
When using this N-Channel MOSFET as a low-side switch, the wiring logic is as follows:
```markdown
- Source (S): Connected to Ground (0V).
- Gate (G): Connected to the MCU control pin (via a 100-ohm resistor).
- Drain (D): Connected to the negative terminal of the Load.
- Load Positive: Connected to the Power Supply (VCC).
```
---
- ⤷
What are the recommended thermal management techniques for the SOT-23 package?
- ⤷ How does the ME23ZAG-R compare to its P-channel counterpart ME23PAG?
- ⤷ Can this MOSFET be used with a 3.3V Arduino or ESP32 signal?