công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME23ZAA-R

  • AI
    The **ME23ZAA-R** is an alphanumeric liquid crystal display (LCD) module. It is commonly used in industrial equipment, point-of-sale systems, and embedded devices for displaying text-based information. --- ## 1. Technical Specifications The following table outlines the core electronic and physical characteristics of the ME23ZAA-R: | Parameter | Specification | | :--- | :--- | | **Display Type** | Alphanumeric LCD | | **Format** | 16 Characters x 2 Lines (Typical for this series) | | **Backlight** | LED (Commonly Yellow-Green or Amber) | | **Supply Voltage (VDD)** | 5.0V (Standard) | | **Interface** | Parallel (8-bit or 4-bit) | | **Controller** | HD44780 Equivalent | | **Operating Temperature** | -20°C to +70°C | --- ## 2. Key Electronic Components ### A. The LCD Controller The module integrates a driver IC (usually compatible with the **Hitachi HD44780**). This chip handles the character generation and memory management (DDRAM and CGRAM), allowing the user to send ASCII commands rather than controlling every individual pixel. ### B. Connection Interface The module typically features a 14-pin or 16-pin interface: 1. **VSS/VDD:** Ground and 5V power supply. 2. **V0:** Contrast adjustment pin (usually connected to a potentiometer). 3. **RS (Register Select):** Toggles between sending commands (instruction) and data (characters). 4. **R/W (Read/Write):** Determines if the MCU is reading from or writing to the display. 5. **E (Enable):** Latches the data into the module. 6. **DB0-DB7:** Data bus for communication. 7. **A/K (Pins 15-16):** Anode and Cathode for the LED backlight. ### C. Logic and Contrast * **Contrast Circuitry:** The "V0" pin is critical. Without a proper voltage divider (potentiometer), the display may appear blank or show solid blocks. * **Current Limiting:** The backlight requires a series resistor if one is not integrated into the PCB to prevent the LEDs from burning out. --- ## 3. Communication Protocol The ME23ZAA-R operates using a parallel bus. Below is a simplified representation of the initialization sequence in pseudo-code: ```c // Example Initialization Sequence void LCD_Init() { delay(15ms); // Wait for VDD to stabilize writeCommand(0x38); // Function set: 8-bit, 2-line, 5x7 dots writeCommand(0x0C); // Display ON, Cursor OFF writeCommand(0x01); // Clear Display writeCommand(0x06); // Entry Mode Set: Increment cursor } ``` --- ## 4. Common Applications * **Embedded Systems:** Real-time sensor data monitoring. * **Telecommunications:** Status displays on networking hardware. * **Industrial Automation:** Human-Machine Interface (HMI) for small machinery.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the ME23ZAA-R?
    • ⤷ How do I adjust the contrast if the screen is blank?
    • ⤷ Can this module be interfaced with an Arduino or Raspberry Pi?