công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME23XBG-R

  • AI
    The **ME23XBG-R** is an N-Channel enhancement mode Field Effect Transistor (FET) manufactured by **Matsuki Electric**. It is commonly used in power management applications due to its high density cell design and low "on" resistance. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ME23XBG-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 30 | V | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | V | | **Continuous Drain Current** | $I_D$ | 4.0 | A | | **Pulsed Drain Current** | $I_{DM}$ | 15 | A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | < 42 (@10V) | mΩ | | **Total Gate Charge** | $Q_g$ | 4.2 | nC | | **Package Type** | SOT-23 | — | — | --- ### 2. Physical and Pin Configuration The device is housed in a standard **SOT-23** (Surface Mount Device) package, which is ideal for space-constrained PCB layouts. * **Pin 1 (Gate):** Controls the flow of current between Drain and Source. * **Pin 2 (Source):** The exit point for the current in an N-Channel MOSFET. * **Pin 3 (Drain):** The entry point for the current. --- ### 3. Main Features * **Low $R_{DS(ON)}$:** Minimizes power loss during conduction, increasing efficiency. * **High Power and Current Handling:** Capable of handling up to 4A, which is high for its small SOT-23 footprint. * **Fast Switching Speed:** Suitable for high-frequency PWM (Pulse Width Modulation) applications. * **Lead-Free/RoHS Compliant:** Meets environmental safety standards for modern electronics. --- ### 4. Common Applications The ME23XBG-R is typically integrated into the following circuits: 1. **DC/DC Converters:** Used as a switching element to step down or step up voltages. 2. **Load Switches:** Acts as an electronic toggle to turn power on/off for specific modules. 3. **Battery Management Systems (BMS):** Manages charging and discharging paths in portable devices. 4. **LED Drivers:** Controls the brightness and power supply to LED arrays. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent MOSFET models for the ME23XBG-R?
    • ⤷ What is the maximum power dissipation (Pd) for this component?
    • ⤷ How does the gate threshold voltage (Vgs-th) affect its performance?