công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ME18ZAA-R

  • AI
    The **ME18ZAA-R** is an electronic component primarily classified as a **High-Frequency Chip Inductor** (Multilayer type), commonly used in RF (Radio Frequency) circuits. These components are designed to provide inductance while maintaining a small physical footprint and high performance at high frequencies. --- ### 1. Technical Specifications Below are the typical specifications for the ME18ZAA-R series: | Feature | Description | | :--- | :--- | | **Component Type** | Multilayer Chip Inductor | | **Case Size** | 0603 (Inch) / 1608 (Metric) | | **Inductance Range** | Typically low nH values (standard for RF) | | **Material** | Ceramic/Ferrite multilayer construction | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Operating Temp** | -55°C to +125°C | --- ### 2. Key Internal Components & Materials As a multilayer chip inductor, its "parts" are integrated into a monolithic structure: 1. **Ceramic Body:** Provides the structural integrity and serves as the dielectric material. 2. **Internal Electrodes:** Typically made of Silver (Ag) or Copper (Cu), layered in a spiral pattern to create the magnetic flux (inductance). 3. **Terminal Electrodes:** Consist of multiple layers: * **Base layer:** Silver (Ag). * **Barrier layer:** Nickel (Ni) to prevent leaching during soldering. * **Finish layer:** Tin (Sn) for excellent solderability. --- ### 3. Common Applications The ME18ZAA-R is engineered for high-frequency environments where signal integrity is critical: * **Mobile Communication:** Used in smartphones for impedance matching in power amplifiers. * **WLAN/Bluetooth:** Filtering and resonance in Wi-Fi and Bluetooth modules. * **RF Modules:** Tuning circuits and high-frequency filtering to eliminate EMI (Electromagnetic Interference). * **VCOs:** Used in Voltage Controlled Oscillators to stabilize frequency. --- ### 4. Circuit Symbol and Board Representation In electronic schematics and PCB design, the part is represented as follows: ```text Schematic Symbol: ---( L )--- (Represented by 'L' followed by a designator, e.g., L101) PCB Footprint: [ Pad ] <--- 1.6mm ---> [ Pad ] (Standard 0603 Land Pattern) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 'R' suffix in this part number?
    • ⤷ How does a multilayer inductor differ from a wire-wound inductor in RF circuits?
    • ⤷ What are the recommended soldering profiles for 0603 SMD inductors?